Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS432CMP Datasheet(PDF) 1 Page - Orister Corporation

Part # RS432CMP
Description  Adjustable Precision Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS432CMP Datasheet(HTML) 1 Page - Orister Corporation

  RS432CMP Datasheet HTML 1Page - Orister Corporation RS432CMP Datasheet HTML 2Page - Orister Corporation RS432CMP Datasheet HTML 3Page - Orister Corporation RS432CMP Datasheet HTML 4Page - Orister Corporation RS432CMP Datasheet HTML 5Page - Orister Corporation RS432CMP Datasheet HTML 6Page - Orister Corporation RS432CMP Datasheet HTML 7Page - Orister Corporation RS432CMP Datasheet HTML 8Page - Orister Corporation RS432CMP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page No. : 1/10
DS‐RS432‐07    September, 2009 
www.Orister.com
RS432 
Adjustable Precision Shunt Regulator
 
General Description 
The  RS432  series  are  three‐terminal  adjustable  regulators  with  guaranteed  thermal  stability  over  applicable 
temperature  ranges.  The  output  voltage  may  be  set  to  any  value  between  VREF  (approximately  1.24  or  1.25 
volts) and 18 volts with two external resistors. These devices have a typical dynamic output impedance of 0.2Ω. 
Active output circuitry provides a very sharp turn‐on characteristic, making these devices excellent replacement 
for zener diodes in many applications. 
Features 
● Programmable Precise Output Voltage from 1.24V or 1.25V to 16V 
● High Stability under Capacitive Load 
● Low Dynamic Output Resistance: 0.2Ω Typical 
● Fast turn on response  
● Low Output Noise 
● Wide Operating Range of ‐40 to 125
oC 
● Low Equivalent Full‐range Temperature Coefficient with 50ppm/
oC Typical 
● SOT‐23, SOT‐89 and TO‐92 Packages 
●
RoHS Compliant and 100% Lead (Pb)‐Freeand Green (Halogen Free with CommercialStandard) 
Application Circuits 
 
 
 
 
 
 
 
 
This  integrated  circuit  can  be  damaged  by  ESD.  Orister  Corporation  recommends  that  all  integrated  circuits  be  handled  with 
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. 
 
ESD  damage  can  range  from  subtle  performance  degradation  to  complete  device  failure.  Precision  integrated  circuits  may  be  more 
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. 
  Fig 1. VK=VREF 
Fig 2. VK>VREF  
Fig 3. Off‐State Current 
IN
VK
II
IREF
VREF
IK
R1
II
VK
IN
IREF
IK
R2
V
REF
Note: VK=VREF (1+R1/R2)+IREFxR1
IN
VK
IOFF


Similar Part No. - RS432CMP

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS432CAP PTC-RS432CAP Datasheet
269Kb / 4P
Adjustable Precision Shunt Regulator
RS432CNP PTC-RS432CNP Datasheet
269Kb / 4P
Adjustable Precision Shunt Regulator
More results

Similar Description - RS432CMP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com