Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS432CMP Datasheet(PDF) 3 Page - Orister Corporation

Part # RS432CMP
Description  Adjustable Precision Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS432CMP Datasheet(HTML) 3 Page - Orister Corporation

  RS432CMP Datasheet HTML 1Page - Orister Corporation RS432CMP Datasheet HTML 2Page - Orister Corporation RS432CMP Datasheet HTML 3Page - Orister Corporation RS432CMP Datasheet HTML 4Page - Orister Corporation RS432CMP Datasheet HTML 5Page - Orister Corporation RS432CMP Datasheet HTML 6Page - Orister Corporation RS432CMP Datasheet HTML 7Page - Orister Corporation RS432CMP Datasheet HTML 8Page - Orister Corporation RS432CMP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page No. : 3/10
DS‐RS432‐07    September, 2009 
www.Orister.com
Block Diagram 
Absolute Maximum Ratings (Operating temperature range applies unless otherwise specified) 
Characteristics 
Symbol 
Value 
Unit
Cathode Voltage 
VKA 
18 
V 
Cathode Current Range (Continuous) 
IK 
20 
mA 
Reference Input Current Range 
IREF 
10 
mA 
SOT‐23 
370 
SOT‐89 
770 
TO‐92 
770 
Power Dissipation 
PD 
‐‐ 
‐‐ 
mW
Operating Temperature Range (Max.) 
TOPR ‐40 ‐ +125 
oC 
Storage Temperature Range 
TSTG ‐65 ‐ +150 
oC 
Operating Conditions 
Characteristics 
Symbol 
Min. 
Max. 
Unit
Cathode Voltage 
VKA 
VREF 
16 
V 
Cathode Current Range (Continuous) 
IK 
0.1 
20 
mA 
Operating Ambient Temperature Range 
TOPR ‐40 
125 
oC 
Electrical Characteristics (T
A=25°C, unless otherwise specified) 
Characteristics 
Symbol 
Test Conditions 
Min 
Typ 
Max 
Unit
1.24V ±2.0% 
1.215 
1.24 
1.265
1.24V ±1.0% 
1.228 
1.24 
1.252
1.24V ±0.5% 
1.234 
1.24 
1.246
1.25V ±2.0% 
1.225 
1.25 
1.275
1.25V ±1.0% 
1.238 
1.25 
1.262
Reference Input Voltage (Fig1) 
1.25V ±0.5% 
VREF 
VK=VREF, IK=10mA 
1.244 
1.25 
1.256
V 
Ratio of Change in Reference Input Voltage to the 
Change in Cathode Voltage (Fig2) 
ΔV
REF/ΔVK IK=10mA,, ΔVK=18V to VREF ‐ 
1.0 
2.7 
mV/V
Reference Input Current (Fig2) 
IREF 
IK=10mA, R1=10KΩ, R2=∞ 
‐ 
0.15 
0.5 
uA 
Minimum Cathode Current for Regulation (Fig1) 
IK(min) 
VK=VREF ‐ 
20 
80 
uA 
VK=6V, VREF=0 ‐ 
0.01 
0.05 
Off‐State Cathode Current (Fig3) 
IK(off) 
VK=16V, VREF=0  
0.04 
0.15 
uA 
Dynamic Output Impedance (Fig1) 
ZK 
VK=VREF, f≤1kHz, IK=100uA to 
20mA 
‐ 
0.2 
0.4 Ω 
 
 
 
 
Functional Block Diagram
Symbol
Reference
Anode
Cathode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com