Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH12T06DI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH12T06DI
Description  600 V tandem extra fast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH12T06DI Datasheet(HTML) 1 Page - STMicroelectronics

  STTH12T06DI Datasheet HTML 1Page - STMicroelectronics STTH12T06DI Datasheet HTML 2Page - STMicroelectronics STTH12T06DI Datasheet HTML 3Page - STMicroelectronics STTH12T06DI Datasheet HTML 4Page - STMicroelectronics STTH12T06DI Datasheet HTML 5Page - STMicroelectronics STTH12T06DI Datasheet HTML 6Page - STMicroelectronics STTH12T06DI Datasheet HTML 7Page - STMicroelectronics STTH12T06DI Datasheet HTML 8Page - STMicroelectronics STTH12T06DI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
May 2013
Doc ID024431 Rev1
1/9
9
STTH12T06
600 V tandem extra fast diode
Datasheet
− production data
Features
• High voltage rectifier
• Tandem diodes in series
• Very low switching losses
• Insulated device with internal ceramic
• Equal thermal conditions for both 300 V diodes
• Static and dynamic equilibrium of internal
diodes are warranted by design
• Insulated package:
– Capacitance: 7 pF
– Insulated voltage: 2500 V rms
Description
This device is part of ST's second generation of
600 V tandem diodes. It has ultralow switching-
losses with a minimized QRR (6.5 nC) that makes
it perfect for use in circuits working in hard-
switching mode. In particular the VF/QRR trade-off
positions this device between standard ultrafast
diodes and silicon-carbide Schottky rectifiers in
terms of price/performance ratio.
The device offers a new positioning giving more
flexibility to power-circuit designers looking for
good performance while still respecting cost
constraints.
Featuring ST's Turbo 2 600 V technology, the
device is particularly suited as a boost diode in
continuous conduction mode power factor
correction circuits.
Table 1. Device summary
Symbol
Value
IF(AV)
12 A
VRRM
600 V
trr (typ)
15 ns
IRM (typ)
2.3 A
VF (typ)
2.05 V
IFRM
65 A
Tj (max)
175 °C
TO-220AC ins
STTH
DI
12T06
A
A
K
K
www.st.com


Similar Part No. - STTH12T06DI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH12002TV STMICROELECTRONICS-STTH12002TV Datasheet
90Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH12003 STMICROELECTRONICS-STTH12003 Datasheet
130Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH12003TV STMICROELECTRONICS-STTH12003TV Datasheet
57Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH12003TV1 STMICROELECTRONICS-STTH12003TV1 Datasheet
57Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH12003TV1 STMICROELECTRONICS-STTH12003TV1 Datasheet
130Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
More results

Similar Description - STTH12T06DI

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRS0660T30 POWEREX-QRS0660T30 Datasheet
105Kb / 3P
Fast Recovery Diode Module (600 Amp/600 Volts)
logo
STMicroelectronics
STTH806TTI STMICROELECTRONICS-STTH806TTI Datasheet
58Kb / 5P
TURBOSWITCHO Tandem 600V ULTRA-FAST BOOST DIODE
Insulated
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH506DTI STMICROELECTRONICS-STTH506DTI Datasheet
50Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI_05 Datasheet
68Kb / 6P
Tandem 600V HYPERFAST BOOST DIODE
29-Jun-2005
STTH806DTI STMICROELECTRONICS-STTH806DTI_07 Datasheet
88Kb / 7P
Tandem 600 V hyperfast boost diode
11-Jul-2007
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
17 A, 600 V fast IGBT with Ultrafast diode
14-Nov-2012
STTH1008DTI STMICROELECTRONICS-STTH1008DTI Datasheet
264Kb / 9P
800 V tandem hyperfast diode
05-Mar-2013
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
20 A, 600 V fast IGBT with Ultrafast diode
05-Nov-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com