Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31270 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 31270
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31270 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 31270 Datasheet HTML 4Page - Tyco Electronics 31270 Datasheet HTML 5Page - Tyco Electronics 31270 Datasheet HTML 6Page - Tyco Electronics 31270 Datasheet HTML 7Page - Tyco Electronics 31270 Datasheet HTML 8Page - Tyco Electronics 31270 Datasheet HTML 9Page - Tyco Electronics 31270 Datasheet HTML 10Page - Tyco Electronics 31270 Datasheet HTML 11Page - Tyco Electronics 31270 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
8
The SOLISTRAND Terminal
SOLISTRAND terminals and splices are
specially designed to terminate solid and
stranded wire, irregular shaped conduc-
tors, and combinations of these — still
retaining the superior performance char-
acteristics of single-purpose terminals
and splices. Because AMP matches the
terminal to the tool each termination is
uniformly perfect, making quality control
easy and performance consistent.
Corrosion resistance, vibration resis-
tance and tensile strength of these termi-
nals and splices are well within the lim-
its of commercial and military specifica-
tions. The SOLISTRAND line includes
parallel and butt splices, and flag, ring,
spade, hooked, and flanged tongue ter-
minals in sizes from 26 AWG [0.1 mm2]
through 600 MCM [304 mm2].
The Crimp
The “W” Crimp is one of several time-
proven crimp types developed by AMP.
It is not just a “kink” in a metal barrel;
not something pinched over electrical
wire ends. The “W” Crimp is actually two
longitudinal crimps applied with pre-
cisely controlled pressure so that the
conductor within the barrel flows togeth-
er into the dimples or serrations of the
terminal barrel creating one homoge-
neous mass of metal. The two indents
also help to center conductors within the
barrel for uniform crimping of the barrel
around the wire. Furthermore, the “W”
Crimp permits the use of a shorter termi-
nal barrel, an excellent feature for con-
fined area termination.
The “W” Crimp creates terminations of
optimum electrical properties and is
completely reliable, giving long service
in punishing environments.
BASIC TERMINAL MATERIAL. The
basic terminal is constructed of fine
grade high conductivity copper per
ASTM B-152 and tin-plated per
MIL-T-10727. Basic material for
Spring Spade Tongue Terminals is
phosphor bronze per ASTM B-103
and tin-plated per MIL-T-10727.
AMP’s special plating process cre-
ates durable corrosion resistance to
salt spray and most chemical
fumes.
DIMPLES OR SERRATIONS. Inner
surface either dimpled or serrated
for optimum tensile strength and
maximum electrical contact area
after crimping.
BELL MOUTH. Bell shape of barrel
entrance makes insertion of wires
easier.
SOLISTRAND Terminals meet or
exceed the requirements of
MIL-T-7928, Type I, Class 1 and 2.
Temperature Rating: 170°C Max.
AMP SOLISTRAND Terminals and Splices
(Use SOLISTRAND Tooling)
AMP Inc.
Listed
LR 7189
Wire Size
File No. E13288
Certified
22–16
22–16
22–16
Solid or Stranded
Solid or Stranded
Solid or Stranded
16–14
16–14
16–14
Solid or Stranded
Solid or Stranded
Solid or Stranded
16–14 Heavy Duty
16–14 Heavy Duty
16–14 Heavy Duty
Solid or Stranded
Stranded
Solid or Stranded
14–12
14–12
14–12
Solid or Stranded
Stranded
Solid or Stranded
12–10
12–10
12–10
Solid or Stranded
Stranded
Solid or Stranded
8 thru 600 MCM
8 thru 600 MCM
8 thru 600 MCM
Solid or Stranded
Stranded
Solid or Stranded
Note: 22-16 terminals and splices are stamped 22-18 in accordance with
MIL-T-7928. Commercial wire range is 22-16.
DANGER: Not to be used on aluminum wire — may cause equipment
failure leading to serious injury or death.
“W” Crimp
One Solid
Two Solid
One Stranded
One Solid
Two Stranded
BRAZED SEAM. The barrel is
completely closed and seam is
brazed for uniform metal strength
around the entire barrel area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com