Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31270 Datasheet(PDF) 41 Page - Tyco Electronics

Part # 31270
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31270 Datasheet(HTML) 41 Page - Tyco Electronics

Back Button 31270 Datasheet HTML 37Page - Tyco Electronics 31270 Datasheet HTML 38Page - Tyco Electronics 31270 Datasheet HTML 39Page - Tyco Electronics 31270 Datasheet HTML 40Page - Tyco Electronics 31270 Datasheet HTML 41Page - Tyco Electronics 31270 Datasheet HTML 42Page - Tyco Electronics 31270 Datasheet HTML 43Page - Tyco Electronics 31270 Datasheet HTML 44Page - Tyco Electronics 31270 Datasheet HTML 45Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
41
Rectangular Tongue Terminals
Wire Size Range
AWG 22 to 16,
CMA 509 to 3,260
[0.26 to 1.65 mm2]
Material
Terminal Body and Sleeve —
Copper per ASTM B-152
Plating — Tin per MIL-T-10727
Wire Size
Dimensions
Material
Wire
Part Numbers
Circular Mils
Stud
L
E
C
W
Thickness
Insulation
Loose
Tape
[mm2]
Size
Max.
Max.
Min.
Max.
Dia. Max.
Piece
Mounted
22–16
5
.786
.633
.277
.277
.033
.140
509–3,260
M3
19.96
16.08
7.04
7.04
0.84
3.56
328500
—
[0.26–1.65]
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Flanged Spade Tongue Terminals
Wire Size Range
AWG 26 to 14,
CMA 202 to 5,180
[0.1 to 2.62 mm2]
Material
Terminal Body and Sleeve —
Copper per ASTM B-152
Plating — Tin per MIL-T-10727
Wire Size
Dimensions
Material
Wire
Part Numbers
Circular Mils
Stud
L
E
C
W
X
H
Thickness
Insulation
Loose
Tape
[mm2]
Size
Max.
Max.
Min.
Max.
Dia. Max.
Piece
Mounted
26–22
2
.588
.473
.203
.182
.110
.031
.020
.082
202–810
M2
14.94
12.01
5.16
4.62
2.79
0.79
0.51
2.08
324598
2-324598-1
[0.1–0.41]
22–16
6
.668
.538
.203
.296
.125
.046
.033
.125
32419
2
2-32419-1
509–3,260
M3.5
16.97
13.67
5.16
7.52
3.18
1.17
0.84
3.18
[0.26–1.65]
8
.761
.585
.250
.416
.171
.062
.033
.125
32495
—
M4
19.33
14.86
6.35
10.57
4.34
1.57
0.84
3.18
16–14
8
.685
.555
.203
.294
.125
.052
.033
.170
2,050–5,180
M4
17.40
14.10
5.16
7.47
3.18
1.32
0.84
4.32
320859
—
[1.04–2.62]
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com