Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31270 Datasheet(PDF) 46 Page - Tyco Electronics

Part # 31270
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31270 Datasheet(HTML) 46 Page - Tyco Electronics

Back Button 31270 Datasheet HTML 42Page - Tyco Electronics 31270 Datasheet HTML 43Page - Tyco Electronics 31270 Datasheet HTML 44Page - Tyco Electronics 31270 Datasheet HTML 45Page - Tyco Electronics 31270 Datasheet HTML 46Page - Tyco Electronics 31270 Datasheet HTML 47Page - Tyco Electronics 31270 Datasheet HTML 48Page - Tyco Electronics 31270 Datasheet HTML 49Page - Tyco Electronics 31270 Datasheet HTML 50Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
46
Description of MIL-T-7928G Test Procedures and Requirements for Terminals
Test
Test
Test
Test
Group
Sequence
Type
Description
Samples subjected to 50 cycles, each cyle consisting of
A
Current Cycling
30 minutes at 125% of the current listed on page 48
1
followed by 15 minutes with no load.
B
Voltage Drop
See test method and requirements on page 48.
A
Vibration
See test method on page 46.
2
B
Voltage Drop
See test method and requirements on page 48.
C
Tensile
See test method and requirements on page 47.
Samples subjected to a salt spray/fog for 48 hours.
A
Salt Spray/Corrosion
Salt concentration to be 5%, temperature to be 35° C
3
(95°) F, relative humidity to be 95-98%.
B
Voltage Drop
See test method and requirements on page 48.
C
Tensile
See test method and requirements on page 47.
A
Heat Age
Samples subjected to 193° C for 120 hours then cooled
to 23° C within one hour.
Samples subjected to a salt spray/fog for 48 hours.
4
B
Salt Spray/Corrosion
Salt concentration to be 5%, temperature to be 35° C
(95°) F, relative humidity to be 95-98%.
C
Voltage Drop
See test method and requirements on page 48.
D
Tensile
See test method and requirements on page 47.
Wire Size
“D” Dimension
Duration of Test
#12 AWG and larger or terminals
12 inches
18 hours each on horizontal
with insulation support
and vertical axis.
#14 AWG and smaller with
17 inches
2 hours each on horizontal
no insulation support
and vertical axis.
Vibration to be a simple harmonic motion with an amplitude of 0.03 inches (0.06 total excursion). Frequency to vary
uniformly from 10–55 Hz and back to 10 Hz. Frequency to be traversed in approximately one minute.
Procedure for Vibration Testing of Terminals per MIL-T-7928G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com