Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175133 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 175133
Description  AMP CT Connector Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175133 Datasheet(HTML) 2 Page - Tyco Electronics

  175133 Datasheet HTML 1Page - Tyco Electronics 175133 Datasheet HTML 2Page - Tyco Electronics 175133 Datasheet HTML 3Page - Tyco Electronics 175133 Datasheet HTML 4Page - Tyco Electronics 175133 Datasheet HTML 5Page - Tyco Electronics 175133 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
te.com/products/ct
AMP CT Connector Series
TE Connectivity
How to select an AMP CT connector part number
The charts on this page highlight the relationship between the number of contacts (positions) to the part number. Please see the sample chart below
that was designed to help you select the correct part number for your needs. For single digit position to dash numbers, attach the digit to the end
base number. For double digit position to dash numbers, attach the first digit to the front of the part number, add a dash and the base part number,
then follow the base part number with a dash and the second digit.
Example Base Part Number
Your Criteria
Example Position to Dash Selection
End Part Number Based on Criteria
Position
8
9
10
11
12
173977
You require and 8 position MT housing
Dash Number
-8
-9
-10
-11
-12
173977-8
173977
You require and 12 position MT housing
Dash Number
-8
-9
-10
-11
-12
1-173977-2
Cable Side Connectors
Cable Side Connectors : Tooling Options
MASS TERMINATION (MT) CONNECTORS : Pre-Loaded Receptacle Housing
Description
PN
Photo
Position to Dash
2
3
4
5
6
7
8
9
10
11
12
13
14
15
MT receptacle housing (wire application) = AWG : 26-28
173977
A
-2
-3
-4
-5
-4
-7
-8
-9
-10
-11
-12
-13
-14
-15
Mating PNS : 292253; 292161; 292250; 292164; 292133; 292132; 292165; 292173; 292171; 292172; 292138;
292252; 292141; 292254; 292156; 292204; 292178; 292182; 175133; 179608
Specifications : C,X
MT Receptacle Housing - Au Plated (Wire Application) = AWG: 26~28
176392
A
-2
-3
-4
-5
-4
-7
-8
-9
-10
-11
-12
-13
-14
-15
Mating PNS: 292134; 176394
Specifications : C,X
CRIMP TYPE CONNECTORS : Housing
Description
PN
Photo
Position to Dash
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Receptacle Housing
179228
E
-2
-3
-4
-5
-4
-7
-8
-9
-10
-11
-12
-13
-14
-15
Mating PNS : 292253; 292161; 292250; 292164; 292133; 292132; 292165; 292173; 292171; 292172; 292134;
176394; 292138; 292252; 292141; 292254; 292156; 292204; 292177; 292178; 292185; 292182; 292181
Specifications : D,Y
CRIMP TYPE CONNECTORS : Contacts
Description
PN
Photo
Specifications
Receptacle Contact - Strip - AWG : 26-30
179609-1
C
D,Y
Receptacle Contact - Loose Piece - AWG : 26-30
179610-1
C
D,Y
Receptacle Contact - Strip - AWG : 22-26
179227-1
D
D,Y
Receptacle Contact - Strip - AWG : 22-26 - Gold plated
179227-4
D
D,Y
Receptacle Contact - Loose Piece - AWG : 22-26 - receptacle
179518-1
D
D,Y
Mass Termination (MT) vs. Crimp Poke
A
B
MT AMP CT Housing
Shows unstripped wires inserted into an MT housing.
C
D
E
Crimp AMP CT Contact
Crimp AMP
CT Housing
Shows a contact crimped onto a stripped wire to be inserted into a crimp housing.
APPLICATION TOOLING
Connector PN
Tooling PN
Description
Application Spec.
1385047-3*
1385047-3*
Applicator
408-8040
1739772-2 thru -15
58074-1
Manual Handle without head
408-6790
58372-1
2 mm AMP CT (IDC) Head
408-9426
176392-2 thru -15
58473-2
AMP CT MT Mini Air Terminator
-
179610-1
1385047-3*
Applicator
408-8040
179227-1
680216-3*
Applicator
408-8040
179227-4
680216-3*
Applicator
408-8040
179518-1
91572-1**
CERTI-CRIMP Hand Tool
408-8547
* Applicators listed are used in the AMP-O-LECTRIC Model G, AMP 3K/40 and AMP 5K/40 Terminators. Call the Tooling Assistance Center at 800-722-1111 for applicator numbers for Automatic Cut, Strip and Terminate Leadmakers.
** Power tooling options are also available. Call Tooling Sales at 888-777-5917 (717-810-2080) for more information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com