Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175133 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 175133
Description  AMP CT Connector Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175133 Datasheet(HTML) 1 Page - Tyco Electronics

  175133 Datasheet HTML 1Page - Tyco Electronics 175133 Datasheet HTML 2Page - Tyco Electronics 175133 Datasheet HTML 3Page - Tyco Electronics 175133 Datasheet HTML 4Page - Tyco Electronics 175133 Datasheet HTML 5Page - Tyco Electronics 175133 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
te.com
/products/ct
The AMP CT connectors are a miniature wire-to-board and wire-to-wire interconnect solution.
The AMP CT connector series has proven performance in its harness making capability. A variety
of harness-making machines are available ranging from hand tools for low volume production to
high-speed automatic crimping machines for medium to high volume productions. AMP high-speed
automatic crimping machines are easy to operate, eliminating the need for tedious work of changing
parts inside the equipment to adapt to changes in harness styles. Two types of housings are available,
including Crimp and Mass Terminated (MT), which are preloaded with insulation displacement
contacts. The box or shrouded headers are highly resistant to scooping at mating/unmating.
FEATURES AND BENEFITS
2 kinds of termination method: IDC, Crimp
•
Discrete wire interconnect
•
Circuits range from 2-15 single row,
•
8-30 dual row
AWG 22~30
•
Kinks for self-retention on boards
•
RoHS compliant
•
Many components are recognized under
•
the component program of Underwriters
Laboratories Inc., file No. E28476
Certified by Canadian Standards
•
Association, File No. LR 7189
PRODUCT APPLICATIONS
Business Equipment
•
Industrial Machines
•
PC
•
Printer
•
Fax
•
C-TV
•
Audio
•
Air conditioner
•
Anywhere where signals or
•
power are routed
Quick Reference Guide
AMP CT Connector Series


Similar Part No. - 175133

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
175133 TEC-175133 Datasheet
656Kb / 6P
AMP CT Connector Series
logo
PHOENIX CONTACT
1751332 PHOENIX-1751332 Datasheet
469Kb / 12P
MKDS 1/11-3,5 - PCB terminal block
More results

Similar Description - 175133

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
logo
Tyco Electronics
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
179227-1 MACOM-179227-1 Datasheet
67Kb / 1P
CRIMP TYPE RECEPTACLE CONTACT (AMP CT CONNECTOR 2MM PITCH)
1-292227-4 MACOM-1-292227-4 Datasheet
257Kb / 4P
AMP MiNi CT Connector 1.5mm PITCH
292206-2 MACOM-292206-2 Datasheet
613Kb / 6P
1.5 mm AMP Mini CT Connector Series
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
2-292246-2 MACOM-2-292246-2 Datasheet
328Kb / 3P
RECEPTACLE ASSEMBLY FOR AMP 1.5 PITCH MINI CT HYBRID LATTICE CONNECTOR
logo
M-System Co.,Ltd.
CTM2 MSYSTEM-CTM2 Datasheet
66Kb / 1P
CT PROTECTOR
logo
DIWELL Electronics Co.,...
CT-G DIWELL-CT-G_V01 Datasheet
507Kb / 4P
CT-G Series Test board
1.0.0 2022. 5. 9.
CT-N DIWELL-CT-N_V01 Datasheet
504Kb / 4P
CT-N Series Test board
1.0.0 2022. 5. 9.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com