Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175133 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 175133
Description  AMP CT Connector Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175133 Datasheet(HTML) 5 Page - Tyco Electronics

  175133 Datasheet HTML 1Page - Tyco Electronics 175133 Datasheet HTML 2Page - Tyco Electronics 175133 Datasheet HTML 3Page - Tyco Electronics 175133 Datasheet HTML 4Page - Tyco Electronics 175133 Datasheet HTML 5Page - Tyco Electronics 175133 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
te.com/products/ct
AMP CT Connector Series
TE Connectivity
Product/Application Specification
RATINGS
Product Specs
Voltage
Operating Current (Amps)
22 AWG
24 AWG
26 AWG
28 AWG
30 AWG
A
108-60016
125 V (AC/DC)
3
2
1
B
108-60020
125 V (AC/DC)
1
1
2
1
C
108-5218
125 V AC
3
2
1
D
108-60029
125 V AC
4
3
2.5
1.5
1
E
108-60024
125 V AC
1
F
108-60021
125 V AC
1
Application Specs
X
114-5014
Y
114-5179
Z
114-5103
292161
T/H Standard Vertical Header
292156
Free Hanging Header
292132
T/H Box Vertical Header
173997
IDC Receptacle Housing
179228
Crimp Receptacle Housing
292138
Dual Row T/H R/A Header
292174
SMT Box Vertical Header
292173
SMT Box R/A Header
292250
T/H Box R/A Header
173977
IDC Receptacle Housing
292253
T/H Standard R/A Header
292141
Dual Row T/H Vertical Header
179472
Captivating Holder
292172
SMT Standard Vertical Header
292254
Panel Mount Header
Design Kits
PN
Description
2110829-1
AMP CT Deluxe Kit
2110829-2
AMP CT R/A Header
2110829-3
AMP CT Vertical Header
2110829-4
AMP CT R/A Box Header
2110829-5
AMP CT Box Vertical Header
2110829-6
AMP CT Panel Mount
2110829-7
AMP CT Dual Row R/A Header
2110829-8
AMP CT Dual Row Vertical Header
*Design kits are designed and assembled by Waldom and are available for purchase through your local distribution channel.
AMP CT Design Kits*
AMP CT Mount Styles



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com