Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ18VCL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMBZ18VCL
Description  Double ESD protection diodes for transient overvoltage suppression
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMBZ18VCL Datasheet(HTML) 5 Page - NXP Semiconductors

  MMBZ18VCL Datasheet HTML 1Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 2Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 3Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 4Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 5Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 6Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 7Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 8Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MMBZXVCL_MMBZXVDL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 3 September 2008
5 of 15
NXP Semiconductors
MMBZxVCL; MMBZxVDL series
Double ESD protection diodes for transient overvoltage suppression
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[3]
Soldering point at pin 3.
Table 8.
ESD standards compliance
Standard
Conditions
Per diode
IEC 61000-4-2; level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
MIL-STD-883; class 3 (human body model)
> 8 kV
Fig 1.
10/1000
µs pulse waveform according to
IEC 61643-321
Fig 2.
ESD pulse waveform according to
IEC 61000-4-2
tp (ms)
0
4.0
3.0
1.0
2.0
006aab319
50
100
150
IPP
(%)
0
50 % IPP; 1000 µs
100 % IPP; 10 µs
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns
Table 9.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1] -
-
350
K/W
[2] -
-
280
K/W
Rth(j-sp)
thermal resistance from junction
to solder point
[3] --60
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com