Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ18VCL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MMBZ18VCL
Description  Double ESD protection diodes for transient overvoltage suppression
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMBZ18VCL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MMBZ18VCL Datasheet HTML 7Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 8Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 9Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 10Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 11Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 12Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 13Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 14Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MMBZXVCL_MMBZXVDL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 3 September 2008
11 of 15
NXP Semiconductors
MMBZxVCL; MMBZxVDL series
Double ESD protection diodes for transient overvoltage suppression
10. Package outline
11. Packing information
[1]
For further information and the availability of packing methods, see Section 15.
Fig 10. Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 11.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
MMBZ12VDL
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
MMBZ15VDL
MMBZ18VCL
MMBZ20VCL
MMBZ27VCL
MMBZ33VCL
MMBZ12VDL/DG
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
MMBZ15VDL/DG
MMBZ18VCL/DG
MMBZ20VCL/DG
MMBZ27VCL/DG
MMBZ33VCL/DG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com