Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ18VCL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMBZ18VCL
Description  Double ESD protection diodes for transient overvoltage suppression
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMBZ18VCL Datasheet(HTML) 1 Page - NXP Semiconductors

  MMBZ18VCL Datasheet HTML 1Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 2Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 3Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 4Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 5Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 6Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 7Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 8Page - NXP Semiconductors MMBZ18VCL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Unidirectional double ElectroStatic Discharge (ESD) protection diodes in a common
cathode configuration, encapsulated in a SOT23 (TO-236AB) small Surface-Mounted
Device (SMD) plastic package. The devices are designed for ESD and transient
overvoltage protection of up to two signal lines.
[1]
All types available as /DG halogen-free version.
1.2 Features
1.3 Applications
MMBZxVCL; MMBZxVDL series
Double ESD protection diodes for transient overvoltage
suppression
Rev. 01 — 3 September 2008
Product data sheet
Table 1.
Product overview
Type number[1]
Package
Configuration
NXP
JEDEC
MMBZ12VDL
SOT23
TO-236AB
dual common cathode
MMBZ15VDL
MMBZ18VCL
MMBZ20VCL
MMBZ27VCL
MMBZ33VCL
I Unidirectional ESD protection of
two lines
I ESD protection up to 30 kV (contact
discharge)
I Bidirectional ESD protection of one line I IEC 61000-4-2; level 4 (ESD)
I Low diode capacitance: Cd ≤ 140 pF
I IEC 61643-321
I Rated peak pulse power: PPPM ≤ 40 W I AEC-Q101 qualified
I Ultra low leakage current: IRM ≤ 5nA
I Computers and peripherals
I Automotive electronic control units
I Audio and video equipment
I Portable electronics
I Cellular handsets and accessories


Similar Part No. - MMBZ18VCL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBZ18VCL NXP-MMBZ18VCL Datasheet
79Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
logo
Nexperia B.V. All right...
MMBZ18VCL NEXPERIA-MMBZ18VCL Datasheet
215Kb / 11P
Double ESD protection diode for transient overvoltage suppression
17 August 2023
MMBZ18VCL-Q NEXPERIA-MMBZ18VCL-Q Datasheet
212Kb / 11P
Double ESD protection diode for transient overvoltage suppression
2 March 2023
logo
NXP Semiconductors
MMBZ18VCL/DG NXP-MMBZ18VCL/DG Datasheet
79Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
More results

Similar Description - MMBZ18VCL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBZXVAL NXP-MMBZXVAL Datasheet
78Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-1 September 2008
MMBZXVDL NXP-MMBZXVDL Datasheet
79Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
MMBZXVCL PHILIPS-MMBZXVCL Datasheet
87Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
logo
Nexperia B.V. All right...
MMBZ18VCL-Q NEXPERIA-MMBZ18VCL-Q Datasheet
212Kb / 11P
Double ESD protection diode for transient overvoltage suppression
2 March 2023
MMBZ15VDL-Q NEXPERIA-MMBZ15VDL-Q Datasheet
213Kb / 11P
Double ESD protection diode for transient overvoltage suppression
13 June 2022
MMBZ27VCL-Q NEXPERIA-MMBZ27VCL-Q Datasheet
217Kb / 11P
Double ESD protection diode for transient overvoltage suppression
13 June 2022
MMBZ15VDL NEXPERIA-MMBZ15VDL Datasheet
213Kb / 11P
Double ESD protection diode for transient overvoltage suppression
11 April 2023
MMBZ18VCL NEXPERIA-MMBZ18VCL Datasheet
215Kb / 11P
Double ESD protection diode for transient overvoltage suppression
17 August 2023
MMBZ27VCL NEXPERIA-MMBZ27VCL Datasheet
218Kb / 11P
Double ESD protection diode for transient overvoltage suppression
11 April 2023
MMBZ33VCL NEXPERIA-MMBZ33VCL Datasheet
215Kb / 11P
Double ESD protection diode for transient overvoltage suppression
17 August 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com