Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7660AIBA Datasheet(PDF) 7 Page - Intersil Corporation

Part # 7660AIBA
Description  CMOS Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7660AIBA Datasheet(HTML) 7 Page - Intersil Corporation

Back Button 7660AIBA Datasheet HTML 3Page - Intersil Corporation 7660AIBA Datasheet HTML 4Page - Intersil Corporation 7660AIBA Datasheet HTML 5Page - Intersil Corporation 7660AIBA Datasheet HTML 6Page - Intersil Corporation 7660AIBA Datasheet HTML 7Page - Intersil Corporation 7660AIBA Datasheet HTML 8Page - Intersil Corporation 7660AIBA Datasheet HTML 9Page - Intersil Corporation 7660AIBA Datasheet HTML 10Page - Intersil Corporation 7660AIBA Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN3072.7
October 10, 2005
The voltage regulator portion of the ICL7660 and ICL7660A is
an integral part of the anti-latchup circuitry, however its inherent
voltage drop can degrade operation at low voltages. Therefore,
to improve low voltage operation the “LV” pin should be
connected to GROUND, disabling the regulator. For supply
voltages greater than 3.5V the LV terminal must be left open to
insure latchup proof operation, and prevent device damage.
Theoretical Power Efficiency
Considerations
In theory a voltage converter can approach 100% efficiency
if certain conditions are met.
1. The driver circuitry consumes minimal power.
2. The output switches have extremely low ON resistance
and virtually no offset.
3. The impedances of the pump and reservoir capacitors
are negligible at the pump frequency.
The ICL7660 and ICL7660A approach these conditions for
negative voltage conversion if large values of C1 and C2
are used.
ENERGY IS LOST ONLY IN THE TRANSFER OF
CHARGE BETWEEN CAPACITORS IF A CHANGE IN
VOLTAGE OCCURS. The energy lost is defined by:
E = 1/2 C1 (V12 - V22)
where V1 and V2 are the voltages on C1 during the pump and
transfer cycles. If the impedances of C1 and C2 are relatively
high at the pump frequency (refer to Figure 12) compared to
the value of RL, there will be a substantial difference in the
voltages V1 and V2. Therefore it is not only desirable to make
C2 as large as possible to eliminate output voltage ripple, but
also to employ a correspondingly large value for C1 in order to
achieve maximum efficiency of operation.
Do’s And Don’ts
1. Do not exceed maximum supply voltages.
2. Do not connect LV terminal to GROUND for supply
voltages greater than 3.5V.
3. Do not short circuit the output to V+ supply for supply
voltages above 5.5V for extended periods, however,
transient conditions including start-up are okay.
4. When using polarized capacitors, the + terminal of C1
must be connected to pin 2 of the ICL7660 and ICL7660A
and the + terminal of C2 must be connected to GROUND.
5. If the voltage supply driving the ICL7660 and ICL7660A
has a large source impedance (25
Ω - 30Ω), then a 2.2µF
capacitor from pin 8 to ground may be required to limit
rate of rise of input voltage to less than 2V/
µs.
6. User should insure that the output (pin 5) does not go
more positive than GND (pin 3). Device latch up will occur
under these conditions. A 1N914 or similar diode placed
in parallel with C2 will prevent the device from latching up
under these conditions. (Anode pin 5, Cathode pin 3).
VOUT = -VIN
C2
VIN
C1
S3
S4
S1
S2
8
3
2
5
3
7
FIGURE 12. IDEALIZED NEGATIVE VOLTAGE CONVERTER
FIGURE 13A. CONFIGURATION
FIGURE 13B. THEVENIN EQUIVALENT
FIGURE 13. SIMPLE NEGATIVE CONVERTER
1
2
3
4
8
7
6
5
+
-
10
µF
ICL7660
VOUT = -V+
V+
+
-
10
µF
ICL7660A
V+
+
-
RO
VOUT
ICL7660, ICL7660A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com