Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7660AIBA Datasheet(PDF) 1 Page - Intersil Corporation

Part # 7660AIBA
Description  CMOS Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7660AIBA Datasheet(HTML) 1 Page - Intersil Corporation

  7660AIBA Datasheet HTML 1Page - Intersil Corporation 7660AIBA Datasheet HTML 2Page - Intersil Corporation 7660AIBA Datasheet HTML 3Page - Intersil Corporation 7660AIBA Datasheet HTML 4Page - Intersil Corporation 7660AIBA Datasheet HTML 5Page - Intersil Corporation 7660AIBA Datasheet HTML 6Page - Intersil Corporation 7660AIBA Datasheet HTML 7Page - Intersil Corporation 7660AIBA Datasheet HTML 8Page - Intersil Corporation 7660AIBA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN3072.7
ICL7660, ICL7660A
CMOS Voltage Converters
The Intersil ICL7660 and ICL7660A are monolithic CMOS
power supply circuits which offer unique performance
advantages over previously available devices. The ICL7660
performs supply voltage conversions from positive to
negative for an input range of +1.5V to +10.0V resulting in
complementary output voltages of -1.5V to -10.0V and the
ICL7660A does the same conversions with an input range of
+1.5V to +12.0V resulting in complementary output voltages
of -1.5V to -12.0V. Only 2 noncritical external capacitors are
needed for the charge pump and charge reservoir functions.
The ICL7660 and ICL7660A can also be connected to
function as voltage doublers and will generate output
voltages up to +18.6V with a +10V input.
Contained on the chip are a series DC supply regulator, RC
oscillator, voltage level translator, and four output power
MOS switches. A unique logic element senses the most
negative voltage in the device and ensures that the output
N-Channel switch source-substrate junctions are not forward
biased. This assures latchup free operation.
The oscillator, when unloaded, oscillates at a nominal
frequency of 10kHz for an input supply voltage of 5.0V. This
frequency can be lowered by the addition of an external
capacitor to the “OSC” terminal, or the oscillator may be
overdriven by an external clock.
The “LV” terminal may be tied to GROUND to bypass the
internal series regulator and improve low voltage (LV)
operation. At medium to high voltages (+3.5V to +10.0V for
the ICL7660 and +3.5V to +12.0V for the ICL7660A), the LV
pin is left floating to prevent device latchup.
Pinouts
ICL7660, ICL7660A
(8 LD PDIP, SOIC)
TOP VIEW
Features
• Simple Conversion of +5V Logic Supply to
±5V Supplies
• Simple Voltage Multiplication (VOUT = (-) nVIN)
• Typical Open Circuit Voltage Conversion Efficiency 99.9%
• Typical Power Efficiency 98%
• Wide Operating Voltage Range
- ICL7660 . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 10.0V
- ICL7660A . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 12.0V
• ICL7660A 100% Tested at 3V
• Easy to Use - Requires Only 2 External Non-Critical
Passive Components
• No External Diode Over Full Temp. and Voltage Range
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• On Board Negative Supply for Dynamic RAMs
• Localized
µProcessor (8080 Type) Negative Supplies
• Inexpensive Negative Supplies
• Data Acquisition Systems
NC
CAP+
GND
CAP-
1
2
3
4
8
7
6
5
V+
OSC
LV
VOUT
Data Sheet
October 10, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 1999-2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - 7660AIBA

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7660 GILWAY-7660 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Sonardyne sound in dept...
7660 SONARDYNE-7660 Datasheet
73Kb / 2P
SIPS Hi-Shock Remote Transducer
logo
IET Labs Inc.
7660 IET-7660 Datasheet
527Kb / 3P
Precision LCR Meter
February 2023
logo
Festo Corporation.
7660 FESTO-7660 Datasheet
78Kb / 1P
Cover plate
logo
3M Electronics
7660-5002BL 3M-7660-5002BL Datasheet
40Kb / 2P
Standard socket/header V low profile header right angle type
More results

Similar Description - 7660AIBA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7662 MAXIM-ICL7662 Datasheet
330Kb / 8P
CMOS Voltage Converters
19-1292; Rev 2; 7/96
logo
Intersil Corporation
ICL7660ACBAZA INTERSIL-ICL7660ACBAZA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
logo
Maxim Integrated Produc...
SI7661CSA MAXIM-SI7661CSA Datasheet
969Kb / 8P
CMOS Voltage Converters
Rev 2; 7/96
logo
Analog Devices
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Intersil Corporation
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
277Kb / 11P
CMOS Voltage Converters
October 10, 2005
logo
Tiger Electronic Co.,Lt...
ICL7660 TGS-ICL7660 Datasheet
200Kb / 10P
CMOS Voltage Converters
logo
Renesas Technology Corp
ICL7660 RENESAS-ICL7660 Datasheet
514Kb / 11P
CMOS Voltage Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com