Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7660AIBA Datasheet(PDF) 11 Page - Intersil Corporation

Part # 7660AIBA
Description  CMOS Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7660AIBA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button 7660AIBA Datasheet HTML 3Page - Intersil Corporation 7660AIBA Datasheet HTML 4Page - Intersil Corporation 7660AIBA Datasheet HTML 5Page - Intersil Corporation 7660AIBA Datasheet HTML 6Page - Intersil Corporation 7660AIBA Datasheet HTML 7Page - Intersil Corporation 7660AIBA Datasheet HTML 8Page - Intersil Corporation 7660AIBA Datasheet HTML 9Page - Intersil Corporation 7660AIBA Datasheet HTML 10Page - Intersil Corporation 7660AIBA Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN3072.7
October 10, 2005
Other Applications
Further information on the operation and use of the ICL7660
and ICL7660A may be found in AN051 “Principals and
Applications of the ICL7660 and ICL7660A CMOS Voltage
Converter”.
1
2
3
4
8
7
6
5
+
-
100
µF
100
µF
VOUT
+
-
10
µF
ICL7611
+
-
100
Ω
50K
+8V
100K
50K
ICL8069
56K
+8V
800K
250K
VOLTAGE
ADJUST
-
+
ICL7660
ICL7660A
FIGURE 22. REGULATING THE OUTPUT VOLTAGE
1
2
3
4
8
7
6
5
+
-
+
-
10
µF
16
TTL DATA
INPUT
15
4
10
µF
13
14
12
11
+5V LOGIC SUPPLY
RS232
DATA
OUTPUT
IH5142
1
3
+5V
-5V
ICL7660
ICL7660A
FIGURE 23. RS232 LEVELS FROM A SINGLE 5V SUPPLY
ICL7660, ICL7660A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com