Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 21 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 21 Page - TDK Electronics

Back Button C2012 Datasheet HTML 17Page - TDK Electronics C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: CH (-25 to +85ºC, 0±60 ppm/ºC)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 450V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
22 nF
3225
1.60 ± 0.20
± 10%
C3225CH2E223K160AA
C3225CH2A223K160AA
± 5%
C3225CH2E223J160AA
C3225CH2A223J160AA
2.30 ± 0.20
± 10%
C3225CH2J223K230AA
C3225CH2W223K230AA
± 5%
C3225CH2J223J230AA
C3225CH2W223J230AA
4532
1.60 ± 0.20
± 10%
C4532CH2E223K160KA
± 5%
C4532CH2E223J160KA
3.20 ± 0.30
± 10%
C4532CH2J223K320KA
± 5%
C4532CH2J223J320KA
33 nF
3216
1.60 +0.3/-0.1
± 10%
C3216CH2A333K160AA
± 5%
C3216CH2A333J160AA
3225
2.00 ± 0.20
± 10%
C3225CH2A333K200AA
± 5%
C3225CH2A333J200AA
2.30 ± 0.20
± 10%
C3225CH2E333K230AA
± 5%
C3225CH2E333J230AA
2.50 ± 0.30
± 10%
C3225CH2J333K250AA
C3225CH2W333K250AA
± 5%
C3225CH2J333J250AA
C3225CH2W333J250AA
4532
2.00 ± 0.20
± 10%
C4532CH2E333K200KA
± 5%
C4532CH2E333J200KA
47 nF
3225
2.30 ± 0.20
± 10%
C3225CH2A473K230AA
± 5%
C3225CH2A473J230AA
2.50 ± 0.30
± 10%
C3225CH2E473K250AA
± 5%
C3225CH2E473J250AA
4532
2.00 ± 0.20
± 10%
C4532CH2A473K200KA
± 5%
C4532CH2A473J200KA
2.30 ± 0.20
± 10%
C4532CH2W473K230KA
± 5%
C4532CH2W473J230KA
3.20 ± 0.30
± 10%
C4532CH2J473K320KA
C4532CH2E473K320KA
± 5%
C4532CH2J473J320KA
C4532CH2E473J320KA
68 nF
3225
2.50 ± 0.30
± 10%
C3225CH2A683K250AA
± 5%
C3225CH2A683J250AA
4532
2.30 ± 0.20
± 10%
C4532CH2E683K230KN
± 5%
C4532CH2E683J230KN
2.50 ± 0.30
± 10%
C4532CH2A683K250KA
± 5%
C4532CH2A683J250KA
3.20 ± 0.30
± 10%
C4532CH2W683K320KA
± 5%
C4532CH2W683J320KA
5750
2.30 ± 0.20
± 10%
C5750CH2J683K230KC
± 5%
C5750CH2J683J230KC
100 nF
4532
3.20 ± 0.30
± 10%
C4532CH2E104K320KN
C4532CH2A104K320KA
± 5%
C4532CH2E104J320KN
C4532CH2A104J320KA
5750
2.80 ±0.30
± 10%
C5750CH2J104K280KC
C5750CH2W104J280KA
± 5%
C5750CH2J104J280KC
C5750CH2W104K280KA
150 nF
5750
2.30 ± 0.20
± 10%
C5750CH2E154K230KN
C5750CH2A154K230KA
± 5%
C5750CH2E154J230KN
C5750CH2A154J230KA
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
1 nF
1608
0.80 ± 0.10
± 10%
C1608JB2A102K080AA
± 20%
C1608JB2A102M080AA
2012
0.85 ± 0.15
± 10%
C2012JB2E102K085AA
C2012JB2A102K085AA
± 20%
C2012JB2E102M085AA
C2012JB2A102M085AA
3216
1.15 ± 0.10
± 10%
C3216JB2J102K115AA
± 20%
C3216JB2J102M115AA
1.5 nF
1608
0.80 ± 0.10
± 10%
C1608JB2A152K080AA
± 20%
C1608JB2A152M080AA
2012
0.85 ± 0.15
± 10%
C2012JB2E152K085AA
C2012JB2A152K085AA
± 20%
C2012JB2E152M085AA
C2012JB2A152M085AA
Class 2 (Temperature Stable)
Temperature Characteristics: JB (-25 to +85ºC, ±10%)
Page 20
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130626 / mlcc_commercial_midvoltage_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com