Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 29 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 29 Page - TDK Electronics

Back Button C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
1 nF
1005
0.50 ± 0.05
± 10%
C1005X7S2A102K050BB
± 20%
C1005X7S2A102M050BB
1.5 nF
1005
0.50 ± 0.05
± 10%
C1005X7S2A152K050BB
± 20%
C1005X7S2A152M050BB
2.2 nF
1005
0.50 ± 0.05
± 10%
C1005X7S2A222K050BB
± 20%
C1005X7S2A222M050BB
3.3 nF
1005
0.50 ± 0.05
± 10%
C1005X7S2A332K050BB
± 20%
C1005X7S2A332M050BB
4.7 nF
1005
0.50 ± 0.05
± 10%
C1005X7S2A472K050BB
± 20%
C1005X7S2A472M050BB
6.8 nF
1005
0.50 ± 0.05
± 10%
C1005X7S2A682K050BB
± 20%
C1005X7S2A682M050BB
10 nF
1005
0.50 ± 0.05
± 10%
C1005X7S2A103K050BB
± 20%
C1005X7S2A103M050BB
33 nF
1608
0.80 ± 0.10
± 10%
C1608X7S2A333K080AB
± 20%
C1608X7S2A333M080AB
47 nF
1608
0.80 ± 0.10
± 10%
C1608X7S2A473K080AB
± 20%
C1608X7S2A473M080AB
68 nF
1608
0.80 ± 0.10
± 10%
C1608X7S2A683K080AB
± 20%
C1608X7S2A683M080AB
100 nF
1608
0.80 ± 0.10
± 10%
C1608X7S2A104K080AB
± 20%
C1608X7S2A104M080AB
150 nF
2012
0.85 ± 0.15
± 10%
C2012X7S2A154K085AB
± 20%
C2012X7S2A154M085AB
220 nF
2012
0.85 ± 0.15
± 10%
C2012X7S2A224K085AB
± 20%
C2012X7S2A224M085AB
330 nF
2012
1.25 ± 0.20
± 10%
C2012X7S2A334K125AB
± 20%
C2012X7S2A334M125AB
470 nF
2012
1.25 ± 0.20
± 10%
C2012X7S2A474K125AB
± 20%
C2012X7S2A474M125AB
680 nF
2012
1.25 ± 0.20
± 10%
C2012X7S2A684K125AB
± 20%
C2012X7S2A684M125AB
1 F
2012
1.25 ± 0.20
± 10%
C2012X7S2A105K125AB
± 20%
C2012X7S2A105M125AB
Class 2 (Temperature Stable)
Temperature Characteristics: X7T (-55 to +125ºC, +22/-33%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
1 F
4532
2.30 ± 0.20
± 10%
C4532X7R2A105K230KA
± 20%
C4532X7R2A105M230KA
5750
2.30 ± 0.20
± 10%
C5750X7R2E105K230KA
C5750X7R2A105K230KA
± 20%
C5750X7R2E105M230KA
C5750X7R2A105M230KA
1.5 F
3225
2.00 ± 0.20
± 10%
C3225X7R2A155K200AB
± 20%
C3225X7R2A155M200AB
4532
2.30 ± 0.20
± 10%
C4532X7R2A155K230KA
± 20%
C4532X7R2A155M230KA
5750
2.30 ± 0.20
± 10%
C5750X7R2A155K230KA
± 20%
C5750X7R2A155M230KA
2.2 F
3225
2.30 ± 0.20
± 10%
C3225X7R2A225K230AB
± 20%
C3225X7R2A225M230AB
4532
2.30 ± 0.20
± 10%
C4532X7R2A225K230KA
± 20%
C4532X7R2A225M230KA
5750
2.30 ± 0.20
± 10%
C5750X7R2A225K230KA
± 20%
C5750X7R2A225M230KA
3.3 F
5750
2.30 ± 0.20
± 10%
C5750X7R2A335K230KA
± 20%
C5750X7R2A335M230KA
4.7 F
5750
2.30 ± 0.20
± 10%
C5750X7R2A475K230KA
± 20%
C5750X7R2A475M230KA
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Page 28
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130626 / mlcc_commercial_midvoltage_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com