Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 13 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 13 Page - TDK Electronics

Back Button C2012 Datasheet HTML 9Page - TDK Electronics C2012 Datasheet HTML 10Page - TDK Electronics C2012 Datasheet HTML 11Page - TDK Electronics C2012 Datasheet HTML 12Page - TDK Electronics C2012 Datasheet HTML 13Page - TDK Electronics C2012 Datasheet HTML 14Page - TDK Electronics C2012 Datasheet HTML 15Page - TDK Electronics C2012 Datasheet HTML 16Page - TDK Electronics C2012 Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to +125ºC, 0±30 ppm/ºC)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 450V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
220 pF
1005
0.50 ± 0.05
± 10%
C1005C0G2A221K050BA
± 5%
C1005C0G2A221J050BA
1608
0.80 ± 0.10
± 10%
C1608C0G2E221K080AA
C1608C0G2A221K080AA
± 5%
C1608C0G2E221J080AA
C1608C0G2A221J080AA
2012
0.60 ± 0.15
± 10%
C2012C0G2W221K060AA
± 5%
C2012C0G2W221J060AA
3216
0.60 ± 0.15
± 10%
C3216C0G2J221K060AA
± 5%
C3216C0G2J221J060AA
270 pF
1005
0.50 ± 0.05
± 10%
C1005C0G2A271K050BA
± 5%
C1005C0G2A271J050BA
1608
0.80 ± 0.10
± 10%
C1608C0G2E271K080AA
C1608C0G2A271K080AA
± 5%
C1608C0G2E271J080AA
C1608C0G2A271J080AA
2012
0.60 ± 0.15
± 10%
C2012C0G2W271K060AA
± 5%
C2012C0G2W271J060AA
3216
0.60 ± 0.15
± 10%
C3216C0G2J271K060AA
± 5%
C3216C0G2J271J060AA
330 pF
1005
0.50 ± 0.05
± 10%
C1005C0G2A331K050BA
± 5%
C1005C0G2A331J050BA
1608
0.80 ± 0.10
± 10%
C1608C0G2E331K080AA
C1608C0G2A331K080AA
± 5%
C1608C0G2E331J080AA
C1608C0G2A331J080AA
2012
0.60 ± 0.15
± 10%
C2012C0G2W331K060AA
± 5%
C2012C0G2W331J060AA
3216
0.60 ± 0.15
± 10%
C3216C0G2J331K060AA
390 pF
1005
0.50 ± 0.05
± 10%
C1005C0G2A391K050BA
± 5%
C1005C0G2A391J050BA
1608
0.80 ± 0.10
± 10%
C1608C0G2E391K080AA
C1608C0G2A391K080AA
± 5%
C1608C0G2E391J080AA
C1608C0G2A391J080AA
2012
0.60 ± 0.15
± 10%
C2012C0G2W391K060AA
± 5%
C2012C0G2W391J060AA
3216
0.60 ± 0.15
± 10%
C3216C0G2J391K060AA
± 5%
C3216C0G2J391J060AA
470 pF
1005
0.50 ± 0.05
± 10%
C1005C0G2A471K050BA
± 5%
C1005C0G2A471J050BA
1608
0.80 ± 0.10
± 10%
C1608C0G2E471K080AA
C1608C0G2A471K080AA
± 5%
C1608C0G2E471J080AA
C1608C0G2A471J080AA
2012
0.60 ± 0.15
± 10%
C2012C0G2W471K060AA
± 5%
C2012C0G2W471J060AA
3216
0.85 ± 0.15
± 10%
C3216C0G2J471K085AA
± 5%
C3216C0G2J471J085AA
560 pF
1608
0.80 ± 0.10
± 10%
C1608C0G2E561K080AA
C1608C0G2A561K080AA
± 5%
C1608C0G2E561J080AA
C1608C0G2A561J080AA
2012
0.60 ± 0.15
± 10%
C2012C0G2W561K060AA
± 5%
C2012C0G2W561J060AA
3216
0.85 ± 0.15
± 10%
C3216C0G2J561K085AA
± 5%
C3216C0G2J561J085AA
680 pF
1608
0.80 ± 0.10
± 10%
C1608C0G2E681K080AA
C1608C0G2A681K080AA
± 5%
C1608C0G2E681J080AA
C1608C0G2A681J080AA
2012
0.60 ± 0.15
± 10%
C2012C0G2W681K060AA
± 5%
C2012C0G2W681J060AA
3216
0.85 ± 0.15
± 10%
C3216C0G2J681K085AA
± 5%
C3216C0G2J681J085AA
820 pF
1608
0.80 ± 0.10
± 10%
C1608C0G2E821K080AA
C1608C0G2A821K080AA
± 5%
C1608C0G2E821J080AA
C1608C0G2A821J080AA
2012
0.60 ± 0.15
± 10%
C2012C0G2W821K060AA
C2012C0G2E821K060AA
± 5%
C2012C0G2W821J060AA
C2012C0G2E821J060AA
3216
0.85 ± 0.15
± 10%
C3216C0G2J821K085AA
± 5%
C3216C0G2J821J085AA
Page 12
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130626 / mlcc_commercial_midvoltage_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com