Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R9 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E39-R9
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R9 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E39-R9 Datasheet HTML 4Page - Omron Electronics LLC E39-R9 Datasheet HTML 5Page - Omron Electronics LLC E39-R9 Datasheet HTML 6Page - Omron Electronics LLC E39-R9 Datasheet HTML 7Page - Omron Electronics LLC E39-R9 Datasheet HTML 8Page - Omron Electronics LLC E39-R9 Datasheet HTML 9Page - Omron Electronics LLC E39-R9 Datasheet HTML 10Page - Omron Electronics LLC E39-R9 Datasheet HTML 11Page - Omron Electronics LLC E39-R9 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
Robot Cable Connectors (M8/M12)
XS3F-_-R, XS2F-_-R
Ordering Information
Type
Size
Material
Features
Shape
Length
(m)
Order code
Nut
Cable
Vibration-proof robot
cable (screw on)
M8
Brass (CuZn)
PVC
4 pin
Straight
2
XS3F-M421-402-R
5
XS3F-M421-405-R
Angled
2
XS3F-M422-402-R
5
XS3F-M422-405-R
Vibration-proof robot
cable (snap on)
Thermoplastic PVC
4 pin
Straight
2
XS3F-S421-402-R
5
XS3F-S421-405-R
Angled
2
XS3F-S422-402-R
5
XS3F-S422-405-R
Vibration-proof robot
cable (screw on)
M12
Brass (CuZn)
PVC
2 wire
Straight
2
XS2F-D421-DA0-R
4 wire
XS2F-D421-D80-R
2 wire
5
XS2F-D421-GA0-R
4 wire
XS2F-D421-G80-R
2 wire
Angled
2
XS2F-D422-DA0-R
4 wire
XS2F-D422-D80-R
2 wire
5
XS2F-D422-GA0-R
4 wire
XS2F-D422-G80-R
Vibration proof robot
cable (srew on) for AC
usage
2 wire
Straight
2
XS2F-A421-DB0-R
4 wire
XS2F-A421-D90-R
2 wire
5
XS2F-A421-GB0-R
4 wire
XS2F-A421-G90-R
2 wire
Angled
2
XS2F-A422-DB0-R
5
XS2F-A422-GB0-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com