Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R9 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E39-R9
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R9 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E39-R9 Datasheet HTML 1Page - Omron Electronics LLC E39-R9 Datasheet HTML 2Page - Omron Electronics LLC E39-R9 Datasheet HTML 3Page - Omron Electronics LLC E39-R9 Datasheet HTML 4Page - Omron Electronics LLC E39-R9 Datasheet HTML 5Page - Omron Electronics LLC E39-R9 Datasheet HTML 6Page - Omron Electronics LLC E39-R9 Datasheet HTML 7Page - Omron Electronics LLC E39-R9 Datasheet HTML 8Page - Omron Electronics LLC E39-R9 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
Specifications
Pin arrangement
Materials
Dimensions
XS3F
M8 Screw-on cable connectors
M8
M12
Rated current
1A
4 A
Rated voltage
125 VDC
125 VDC, 250 VAC
Degree of protection
IP67 (IEC 60529)
Ambient temperature
PUR
Fixed cable: -50°C to 80°C
Moving cable: -25°C to 80°C
PVC
-25°C to 70°C
M8 3 poles
M8 4 poles
1 = brown
3 = blue
4 = black
1 = brown
2 = white
3 = blue
4 = black
M12 3 poles
M12 4 poles
M12 5 poles
1 = brown
2 = n.c.
3 = blue
4 = black
1 = brown
2 = white
3 = blue
4 = black
5 = n.c.
1 = brown
2 = white
3 = blue
4 = black
5 = green / yellow
Pin block
PBT resin (UL 94V-0)
Contacts
Brass/ nickel base, 0.4 µm gold plating
Fixture
Brass/ nickel plated
Cover
Polyester elastomer (UL 94V-O)
O-ring
Rubber
31
4
31
42
34
21
34
21
5
34
21
5
4 dia.
Straight Connectors
L-shaped Connectors
4 dia.
9 dia.
1
2
3
4
2.15
1.95 0.5
3
1
2
4
3.4
M8
9 dia.
12.9
L
21.5
31.4
5
30
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com