Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R9 Datasheet(PDF) 33 Page - Omron Electronics LLC

Part # E39-R9
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R9 Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button E39-R9 Datasheet HTML 29Page - Omron Electronics LLC E39-R9 Datasheet HTML 30Page - Omron Electronics LLC E39-R9 Datasheet HTML 31Page - Omron Electronics LLC E39-R9 Datasheet HTML 32Page - Omron Electronics LLC E39-R9 Datasheet HTML 33Page - Omron Electronics LLC E39-R9 Datasheet HTML 34Page - Omron Electronics LLC E39-R9 Datasheet HTML 35Page - Omron Electronics LLC E39-R9 Datasheet HTML 36Page - Omron Electronics LLC E39-R9 Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33
E39-L132
1.5
90
°±1°
11.5
22
6.4
Two, R3.2
15
°
R34
4.2 dia.
25±0.1
4.4
10
Two, R2.2
5.5
23.5
11.5
8.5
45
23.5
6.4
Two, R3.2
37
55
12
4.5
R12
14
°
5
4
7.8
4.5
7
4.5 15.3
25.4
1.5
15.8
22
7
8.7
14
14
Four, 3.4-dia. holes
E39-L142
E39-L144
38.5
7.3
25.4
Two, R25.4
1.5
14.2
25
Four, R1.6
Two, 50
°
Two, R17
23
21
3.5
Four, R1.6
5
°
F max.
21
20 25.4 35
20
A
L
B
5.5
4.5
C
D
E
10 dia.
6.8
14
32
19
8
46
Two, 3.5
Tw
o,
3.5
dia.
Tw
o,
6.5
dia.
Polybutylene
terephthalate
Stainless steel
(SUS304)
Polybutylene
terephthalate
Model (typical) A
B
C
D
E
F
E3Z
84.5
47.5
16.3
10.9
10
37
Model
L
E39-L150
100
E39-L151
200
E39-L150 (Vertical)
E39-L151 (Vertical)
E39-L150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com