Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # EE-1010-R
Description  Reflective Photomicrosensor with Sensitivity Adjuster
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  EE-1010-R Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R Datasheet HTML 5Page - Omron Electronics LLC EE-1010-R Datasheet HTML 6Page - Omron Electronics LLC EE-1010-R Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
CSM_EE-SY671_672_DS_E_3_1
Reflective Photomicrosensor with Sensitivity Adjuster (Non-modulated)
EE-SY671/672
Photomicrosensor with sensitivity
adjuster.
• Easy adjustment with a built-in sensitivity adjuster.
• Easy optical axis monitoring with a bright light indicator.
• Compact design incorporating a built-in amplifier and special IC
enables direct switching capacity of up to
100 mA.
• Wide operating voltage range: 5 to 24 VDC
• Connection possible with a range of ICs, relays, and Programmable
Controllers (PLCs).
Be sure to read Safety Precautions on
page 4.
Ordering Information
Sensors
* The Dark-ON/Light-ON (selectable) models are normally used as dark-ON models. To use them as light-ON models, short-circuit the L terminal and positive (+)
terminal.
An EE-1001-1 Connector with the terminals already short-circuited is also available.
Accessories (Order Separately)
* Refer to Accessories for details.
Appearance
Sensing method
Sensing distance
Output type
Output
configuration
Model
Horizontal
type
Reflective type
NPN output
Dark-ON or Light-ON
(Selectable) *
EE-SY671
Vertical type
EE-SY672
Infrared light
1 to 5 mm
Type
Cable length
Model
Remarks
Connector
EE-1001
EE-1001-1
L terminal and positive (+) terminal are already
short-circuited.
EE-1009
Connector with Cable
1 m
EE-1006
EE-1010
2 m
EE-1006
EE-1010
Connector with Robot Cable
1 m
EE-1010-R
2 m
EE-1010-R


Similar Part No. - EE-1010-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-1010-R OMRON-EE-1010-R Datasheet
365Kb / 5P
Accurately detects objects placed in front of shiny Background.
EE-1010-R 1M OMRON-EE-1010-R 1M Datasheet
1Mb / 12P
Slot-type Photomicrosensor (Non-modulated)
04/14
EE-1010-R 2M OMRON-EE-1010-R 2M Datasheet
1Mb / 12P
Slot-type Photomicrosensor (Non-modulated)
04/14
EE-1010-R-1M OMRON-EE-1010-R-1M Datasheet
282Kb / 5P
A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
EE-1010-R-2M OMRON-EE-1010-R-2M Datasheet
282Kb / 5P
A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
More results

Similar Description - EE-1010-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SY201 OMRON-EE-SY201 Datasheet
174Kb / 2P
Photomicrosensor (Reflective)
EE-SY169 OMRON-EE-SY169 Datasheet
671Kb / 4P
Photomicrosensor (Reflective)
EE-SY169A OMRON-EE-SY169A Datasheet
677Kb / 4P
Photomicrosensor (Reflective)
EE-SF5 OMRON-EE-SF5 Datasheet
722Kb / 4P
Photomicrosensor (Reflective)
EE-SY310 OMRON-EE-SY310 Datasheet
221Kb / 4P
Photomicrosensor (Reflective)
EE-SY313 OMRON-EE-SY313 Datasheet
219Kb / 4P
Photomicrosensor (Reflective)
EE-SY110 OMRON-EE-SY110 Datasheet
252Kb / 4P
Photomicrosensor (Reflective)
EE-SY113 OMRON-EE-SY113 Datasheet
253Kb / 4P
Photomicrosensor (Reflective)
EE-SY124 OMRON-EE-SY124 Datasheet
372Kb / 4P
Photomicrosensor (Reflective)
EE-SY171 OMRON-EE-SY171 Datasheet
241Kb / 4P
Photomicrosensor (Reflective)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com