Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # EE-1010-R
Description  Reflective Photomicrosensor with Sensitivity Adjuster
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R Datasheet(HTML) 6 Page - Omron Electronics LLC

  EE-1010-R Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R Datasheet HTML 5Page - Omron Electronics LLC EE-1010-R Datasheet HTML 6Page - Omron Electronics LLC EE-1010-R Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EE-SY671/672
6
(Unit: mm)
Dimensions
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Sensors
Accessories (Order Separately)
*Refer to Accessories for details.
19
19
Two, 3.2 dia. holes
13.4
12.2
25.4
(31.4)
(25)
6.2
2.54
0.2
16.7
8.3
14.15
5.5
4.1
13.2
6.95
6.35
Sensitivity
adjuster
Sensing window (back) (12.2
× 4.1)
Indicator window
0.3
0.7
0.6
(3)
(2)
(4)
(1)
Two, 3.8 dia.
holes
EE-SY671
Terminal Arrangement
(1)
+
Vcc
(2)
L
L
(3)
OUT
OUTPUT
(4)
−
GND (0 V)
19
19
Two, 3.2 dia. holes
13.4
25.4
(31.2)
(25)
6.2
2.54
16.7
8.3
5.5
13.2
6.95
6.35
Sensitivity
adjuster
Sensing window (12.2
× 5.15)
Indicator window
0.3
0.7
0.6
(3)
(2)
(4)
(1)
Two, 3.8 dia.
holes
EE-SY672
Terminal Arrangement
(1)
+
Vcc
(2)
L
L
(3)
OUT
OUTPUT
(4)
−
GND (0 V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com