Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # EE-1010-R
Description  Reflective Photomicrosensor with Sensitivity Adjuster
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  EE-1010-R Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R Datasheet HTML 5Page - Omron Electronics LLC EE-1010-R Datasheet HTML 6Page - Omron Electronics LLC EE-1010-R Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EE-SY671/672
4
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Make sure that this product is used within the rated ambient
environment conditions.
● Wiring
Soldering
• When direct soldering to the terminal, use the following guidelines.
Soldering Conditions
• The terminal base uses a polycarbonate resin, which could be
deformed by excessive soldering heat, resulting in damage to the
product’s functionality.
Cable Extension
• When extending the cable, use an extension cable with conductors
having a total cross-section area of 0.3 mm2. The total cable length
must be less than 10 m.
● Installation
The photomicrosensor is built into the device being used and so is not
equipped to deal with interference from an external light source.
When using the sensor in an area exposed to an incandescent lamp,
install so as to minimize the effects of external light sources.
● Sensitivity Adjustment
Use the special screwdriver (sold together) for sensitivity
adjustment.
• When an excessive force is applied to sensitivity adjuster, it may be
damaged.
• The shaft of the sensitivity adjuster is charged. Connect a DC
power supply incorporating an insulated transformer to the
photomicrosensor. Do not connect a DC power supply
incorporating an autotransformer or the user may receive an
electric shock when adjusting the sensitivity.
WARNING
Precautions for Correct Use
Item
Temperature
Permissible
time
Remarks
Soldering
iron
350°C
max.
3 s max.
The portion between the base of
the terminals and the position
1.5 mm from the terminal base
must not be soldered.
Power
source
Power
source
+
−
Sensor
Autotransformer
+
−
Sensor
Insulated transformer



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com