Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLD2 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # WLD2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLD2 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button WLD2 Datasheet HTML 8Page - Omron Electronics LLC WLD2 Datasheet HTML 9Page - Omron Electronics LLC WLD2 Datasheet HTML 10Page - Omron Electronics LLC WLD2 Datasheet HTML 11Page - Omron Electronics LLC WLD2 Datasheet HTML 12Page - Omron Electronics LLC WLD2 Datasheet HTML 13Page - Omron Electronics LLC WLD2 Datasheet HTML 14Page - Omron Electronics LLC WLD2 Datasheet HTML 15Page - Omron Electronics LLC WLD2 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
WL
WL
12
OF and RF for WLCA12, with a lever length of 89 mm.
Operating characteristics
WLCA12, WL01CA12
OF
5.68 N
RF
0.95 N
Rotating Lever Models: For all models WL indicates a standard model and WL01j indicates a microload model.
Adjustable Rod Lever
WLCL
WL01CL
Fork Lever Lock
WLCA32-41 to 44
WL01CA32-41 to 44
(For details see page 4.)
Note:
Stainless steel rod
Note: Plastic roller. This illustration shows the external dimen-
sions of the WLCA32-41. (Models WLCA32-041 to -044
have stainless steel rollers.)
3±0.2 dia. × 160
(See note)
M8×12
Allen-head
set screw
Four, M3.5
M5 × 12
Allen-head bolt
Adjustable range:
25 to 140
M5 × 16
Allen-head
bolt
WLCA32-41
WLCA32-42
WLCA32-43
WLCA32-44
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Three, M4 × 13
55 max.
42 max.
Four, M6
Depth: 15 min.
Two, 17.5 dia. × 7
(see note)
Four, M3.5
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
62.5 max.
42 max.
Four,
5.2 +0.2
0
dia. holes
Four,
5.2 +0.2
0
dia. holes
Note: 1. Unless otherwise indicated, a tolerance of ±0.4 mm ap-
plies to all dimensions.
2. The fork lever lock is configured so that the dog pushes
the lever to reverse the output and this reversed state is
maintained even after the dog continues on. If the dog
then pushes the lever from the opposite direction, the le-
ver will return to its original position.
Example
NC terminal: ON
NO terminal: ON
NO terminal: ON
Operating characteristics
WLCL, WL01CL
Operating force: OF max.
1.39 N
Release force: RF min.
0.27 N
Pretravel: PT
15±5°
Overtravel: OT min.
30°
Movement differential: MD max. 12°
Note: The operating characteristics for WLCA12 and WL01CA12
are measured at the lever length of 140 mm.
Operating characteristics
WLCA32-41 to 44,
WL01CA32-41 to 44
Force necessary to reverse
the direction of the lever: Max.
11.77 N}
Movement until the lever
reverses
50±5°
Movement until switch
operation: Max.
55°
Movement after switch
operation: Min.
35°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com