Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLD2 Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # WLD2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLD2 Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button WLD2 Datasheet HTML 32Page - Omron Electronics LLC WLD2 Datasheet HTML 33Page - Omron Electronics LLC WLD2 Datasheet HTML 34Page - Omron Electronics LLC WLD2 Datasheet HTML 35Page - Omron Electronics LLC WLD2 Datasheet HTML 36Page - Omron Electronics LLC WLD2 Datasheet HTML 37Page - Omron Electronics LLC WLD2 Datasheet HTML 38Page - Omron Electronics LLC WLD2 Datasheet HTML 39Page - Omron Electronics LLC WLD2 Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
WL
WL
36
Ratings
General-purpose Ratings (Lamp-equipped)
Type
Rated
lt
Non-inductive load
Indcutive load
yp
voltage
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
For DC
12 VDC
1A
1A
1A
1A
1A
1A
1A
1A
24 VDC
1A
1A
1A
1A
1A
1A
1A
1A
48 VDC
1A
1A
1A
1A
1A
1A
1A
1A
115 VDC
0.8 A
0.8 A
0.2 A
0.2 A
0.8 A
0.8 A
0.2 A
0.2 A
For AC
115 VAC
1A
1A
1A
1A
1A
1A
1A
1A
Note: 1. The above figures are for standard currents.
2. Inductive loads have a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.
Dimensions
Roller Lever Models
Standard Model (WLCA2), High-precision Model (WLGCA2), Overtravel Model (WLH2), and Overtravel High-sensitivity Model
(WLG2)
Note:
1. For the WLG2 model, only the dimensions for the set position marker plate change.
2. Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
3. The above diagram is for a lamp-equipped model.
Direct-wired Connector Models
Note: Stainless sintered roller
Pre-wired Connector Models
17.5 dia. x 7
(see note)
Four,, M3.5
M5 x 12 Allen-
head bolt
42 max.
60 max.
60 max.
17.5 dia. x 7
(see note)
Four, M3.5
SC-1M
XS2H-D421
42 max.
Four,
5.2 +0.2
0
dia. holes
Three, M4 x 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four,
5.2 +0.2
0
dia. holes
Three, M4 x 13
M5 x 12 Allen-
head bolt
Four, M6
Depth: 15 min.
Four, M6
Depth: 15 min.
Operating
characteristics
Roller lever/Standard
model
Roller lever/High
precision model
Roller lever/Overtravel
model
Roller lever/Overtravel
high sensitivity model
Operating force: OF
max.
13.34 N
13.34 N
9.81 N
9.81 N
Release force: RF min.
2.23 N
1.47 N
0.98 N
0.98 N
Pretravel: PT
15±5°
+2°
--0°
5°
15±5°
+2°
--1°
10°
Overtravel: OT min.
30°
40°
55°
65°
Movement differential:
MD max.
12°
3°
12°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com