Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLD2 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # WLD2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLD2 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button WLD2 Datasheet HTML 10Page - Omron Electronics LLC WLD2 Datasheet HTML 11Page - Omron Electronics LLC WLD2 Datasheet HTML 12Page - Omron Electronics LLC WLD2 Datasheet HTML 13Page - Omron Electronics LLC WLD2 Datasheet HTML 14Page - Omron Electronics LLC WLD2 Datasheet HTML 15Page - Omron Electronics LLC WLD2 Datasheet HTML 16Page - Omron Electronics LLC WLD2 Datasheet HTML 17Page - Omron Electronics LLC WLD2 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
WL
WL
14
Note: Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
Top-ball Plunger
WLD3
WL01D3
Horizontal-ball Plunger
WLSD3
WL01SD3
Note: Stainless steel ball
Note: 1. Stainless steel ball
2. Cosmetic nuts
Sealed Top-roller Plunger
WLD28
WL01D28
Note:
Stainless steel ball
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Three,
M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Four, M3.5
15.5 dia.
1/2” dia. (see note)
42 max.
Four, M3.5
1/2” dia.
(see note)
25 dia.
(see
note 2)
42 max.
Four, M3.5
11.2 dia. × 5 (see note)
42 max.
Four,
5.2 +0.2
0
dia. holes
Four,
5.2 +0.2
0
dia. holes
Four,
5.2 +0.2
0
dia. holes
Operating
characteristics
WLD
WL01D
WLD2
WL01D2
WLD3
WL01D3
WLD28
WL01D28
WLSD2
WL01SD2
WLSD3
WL01SD3
WLSD
WL01SD
Operating force: OF
max.
26.67 N
26.67 N
26.67 N
16.67 N
40.03 N
40.03 N
40.03 N
Release force: RF min. 8.92 N
8.92 N
8.92 N
4.41 N
8.89 N
8.89 N
8.89 N
Pretravel: PT max.
1.7 mm
1.7 mm
1.7 mm
1.7 mm
2.8 mm
2.8 mm
2.8 mm
Overtravel: OT min.
6.4 mm
5.6 mm
4mm
5.6 mm
5.6 mm
4mm
6.4 mm
Movement differential:
MD max.
1mm
1mm
1mm
1mm
1mm
1mm
1mm
Operating position: OP 34±0.8 mm
44±0.8 mm
44.5±0.8 mm 44±0.8 mm
54.2±0.8 mm 54.1±0.8 mm 40.6±0.8 mm
Total travel position:
TTP max.
29.5 mm
39.5 mm
41 mm
39.5 mm
---
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com