Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLRCL Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # WLRCL
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLRCL Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button WLRCL Datasheet HTML 19Page - Omron Electronics LLC WLRCL Datasheet HTML 20Page - Omron Electronics LLC WLRCL Datasheet HTML 21Page - Omron Electronics LLC WLRCL Datasheet HTML 22Page - Omron Electronics LLC WLRCL Datasheet HTML 23Page - Omron Electronics LLC WLRCL Datasheet HTML 24Page - Omron Electronics LLC WLRCL Datasheet HTML 25Page - Omron Electronics LLC WLRCL Datasheet HTML 26Page - Omron Electronics LLC WLRCL Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
WL
WL
23
WL-2A122
WL-2A106
17.5 dia. × 7
stainless sintered roller
Adjustable lever:
stainless steel
Adjustable range:
25 to 140
Adjustable range:
25 to 78.5
Note: Can be installed on the rear side.
M5
Allen-head
bolt
7.3-dia.
mounting
holes
17.5 dia. × 7
stainless sintered roller
Adjustable lever:
stainless steel
M5
Allen-head
bolt
7.3-dia.
mounting
holes
WL-2A111
Resin Roller
WL-2A107
Double Nut
WL-2A108
Resin Roller
Adjustable lever:
stainless steel
17.5 dia. × 7
stainless sintered roller
17.5 dia. × 7
resin roller
Adjustable lever:
stainless steel
Adjustable range:
25 to 89
Adjustable range:
28 to 88
Two, M5 Allen-head
nut and arm set screw
17.5 dia. × 7
resin roller
Adjustable lever:
stainless steel
Adjustable range:
25 to 140
M5
Allen-head
bolt
7.3-dia.
mounting
holes
7.3-dia.
mounting
holes
M5
Allen-head
bolt
7.3-dia.
mounting
holes
Note:
Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
WL-2A104
WL-2A110
WL-2A105
50 dia. × 6
Nylon roller
Adjustable from
R42toR89
7.3-dia.
mounting
holes
M5
Allen-head
bolt
50 dia. × 15
Nylon roller
Adjustable from
R41toR78.5
M5
Allen-head
bolt
7.3-dia.
mounting
holes
49 dia. rubber roller
Material: EPDM
Adjustable from
R16toR89
M5
Allen-head
bolt
7.3-dia.
mounting
holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com