Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLRCL Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # WLRCL
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLRCL Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button WLRCL Datasheet HTML 30Page - Omron Electronics LLC WLRCL Datasheet HTML 31Page - Omron Electronics LLC WLRCL Datasheet HTML 32Page - Omron Electronics LLC WLRCL Datasheet HTML 33Page - Omron Electronics LLC WLRCL Datasheet HTML 34Page - Omron Electronics LLC WLRCL Datasheet HTML 35Page - Omron Electronics LLC WLRCL Datasheet HTML 36Page - Omron Electronics LLC WLRCL Datasheet HTML 37Page - Omron Electronics LLC WLRCL Datasheet HTML 38Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
WL
WL
34
Sensor I/O Connector Models
A reduction in the amount of wiring and parts makes maintenance easy and reduced wiring mistakes, in addition it’s already compact size for
fitting into areas of limited space.
Ordering Information
Item
Standard
Overtravel
High sensitivity
Actuators
Rotating lever
Yes
Yes
Yes
Plunger
Yes
---
---
Load
Standard load (SPST-NO/SPST-NC)
Yes
Microload (SPST-NO/SPST-NC)
Yes
High-precision models WL-j55
Yes
Spatter-prevention models (See note 3.)
Yes
Lamp
Yes
Note: 1. Standard Models: For standard models only one-side operation at an angle of 45_ is possible.
Overtravel Models: Only one-side operation at an angle of 80_ is possible. One-side operation only is not possible.
High-precision Models: Only one-side operation at an angle of 45_ is possible, and pretravel (PT) is 5_, as opposed to 15_ for stan-
dard models.
2. For information other than that listed at the above, contact your OMRON representative.
3. The spatter-prevention models are only available as pre-wired connectors.
Models
Direct-wired Connectors
Type
2-core (NO)
4-core
Lamp-equipped
WLj-LDK13
WLj-LDK43
Double-seal
WLj-55LDK13
WLj-55LDK43
Note: 1. In the model number, j indicates the actuator number.
For example, Overtravel Model WLG2-LDK13.
2. The lamp is set to “light-ON when not operating” (NO
connection).
Pre-wired Connectors
Type
2-core (NO)
2-core (NC)
4-core
3-core (NO)
Lamp-equipped
WLj-LD-M1J
WLj-LD-M1JB
WLj-LD-DGJ03
WLj-LD-DK1EJ03
Double-seal
WLj-55LD-M1J
WLj-55LD-M1JB
WLj-55LD-DGJ3
WLj-55LD-DK1EJ03
Note: 1. In the model number, j indicates the actuator number. For example, Overtravel Model WLG2
-LD-M1J.
2. The lamp is set to “light-ON when not operating” (NO connection).
Model Number Legend
WL -
-
LD
12
34
1. Electrical Rating
Blank: Standard
01:
Microload
2. Actuator Type
CA2: Roller lever: Standard
GCA2: Roller lever: High-precision
H2:
Roller lever: Overtravel, general-purpose
G2:
Roller lever: Overtravel, high-sensitivity
D2:
Plunger: Top-roller plunger
D28: Plunger: Top-roller plunger, sealed
3. Built-inSwitchType
Blank: Standard
55:
Hermetically sealed
4. Wiring Specifications
K13A:
Direct-wired Connector
(2-core: AC, NO wiring, connector pins No. 3, 4)
K13:
Direct-wired Connector
(2-core: DC, NO wiring, connector pins No. 3, 4)
K43A:
Direct-wired Connector (4-core: AC)
K43:
Direct-wired Connector (4-core: DC)
-M1J:
Pre-wired Connector*
(2-core: DC, NO wiring, connector pins No. 3, 4)
-M1GJ:
Pre-wired Connector*
(2-core: DC, NO wiring, connector pins No. 1, 4)
-M1JB:
Pre-wired Connector*
(2-core: DC, NC wiring, connector pins No. 3, 2)
-AGJ03:
Pre-wired Connector* (4-core, AC)
-DGJ03:
Pre-wired Connector* (4-core, DC)
-DK1EJ03: Pre-wired Connector*
(3-core: DC, NO wiring, connector pins No. 2, 3, 4)
Note: *With 0.3-m cable attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com