Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLRCL Datasheet(PDF) 28 Page - Omron Electronics LLC

Part # WLRCL
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLRCL Datasheet(HTML) 28 Page - Omron Electronics LLC

Back Button WLRCL Datasheet HTML 24Page - Omron Electronics LLC WLRCL Datasheet HTML 25Page - Omron Electronics LLC WLRCL Datasheet HTML 26Page - Omron Electronics LLC WLRCL Datasheet HTML 27Page - Omron Electronics LLC WLRCL Datasheet HTML 28Page - Omron Electronics LLC WLRCL Datasheet HTML 29Page - Omron Electronics LLC WLRCL Datasheet HTML 30Page - Omron Electronics LLC WLRCL Datasheet HTML 31Page - Omron Electronics LLC WLRCL Datasheet HTML 32Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
WL
WL
28
Dimensions/Operating Characteristics
Roller Lever
17.5 dia. × 7 (see note)
Four, M3.5 head
clamping screws
Two, M5 Allen-head
nut and arm set screw
Four, 5.2+0.2
o
dia. holes
Teflon cap
Lamp cover
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Note: Stainless steel roller
60 max.
42 max.
Operating characteristics
Standard
Overtravel models
High-precision
p
g
General
High-sensitivity
g p
Operating force: OF max.
13.34 N
9.81 N
9.81 N
13.34 N
Release force: RF min.
2.23 N
0.98 N
0.98 N
1.47 N
Pretravel: PT
15°±5°
15°±5°
+2°
--1°
10°
+2°
--0°
5°
Overtravel: OT min.
30°
55°
65°
40°
Movement differential: MD max.
12°
12°
7°
3°
Seal Top-roller Plunger
11.2 dia. × 5*
Four, M3.5
Four, 5.2+0.2
o
dia. holes
Lamp cover
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Note: Stainless steel roller
42 max.
Operating characteristics
WLD28-LjS
Operating force: OF max.
16.67 N
Release force: RF min.
4.41 N
Pretravel: PT max.
1.7 mm
Overtravel: OT min.
5.6 mm
Movement differential: MD max.
1mm
Operating position: OP
44±0.8 mm
Total travel position: TTP max.
39.5 mm
Note:
Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com