Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF899 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF899
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF899 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF899 Datasheet HTML 1Page - Motorola, Inc MRF899 Datasheet HTML 2Page - Motorola, Inc MRF899 Datasheet HTML 3Page - Motorola, Inc MRF899 Datasheet HTML 4Page - Motorola, Inc MRF899 Datasheet HTML 5Page - Motorola, Inc MRF899 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MRF899
4
MOTOROLA RF DEVICE DATA
Zin
f = 800 MHz
960
850
ZOL*
f = 960 MHz
900
800
850
900
Zo = 10 Ω
f
MHz
Zin
Ohms
ZOL*
Ohms
800
5.51 + j10.6
4.52 + j2.64
850
8.17 + j13.2
4.21 + j2.98
900
11.2 + j13.8
3.68 + j2.97
960
16.8 + j10.1
2.98 + j2.71
ZOL* = Conjugate of optimum load impedance into
ZOL* = which the device operates at a given output
ZOL* = power, voltage and frequency.
Figure 8. Input and Output Impedances
with Circuit Tuned for Maximum Gain @ PO = 150 W (PEP), VCC = 26 V
NOTE: Zin & ZOL* are given from
NOTE: base–to–base and
NOTE: collector–to–collector
NOTE: respectively



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com