Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF899 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF899
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF899 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF899 Datasheet HTML 1Page - Motorola, Inc MRF899 Datasheet HTML 2Page - Motorola, Inc MRF899 Datasheet HTML 3Page - Motorola, Inc MRF899 Datasheet HTML 4Page - Motorola, Inc MRF899 Datasheet HTML 5Page - Motorola, Inc MRF899 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
MRF899
MOTOROLA RF DEVICE DATA
The RF Line
NPN Silicon
RF Power Transistor
Designed for 26 Volt UHF large–signal, common emitter, Class AB linear
amplifier applications in industrial and commercial FM / AM equipment operating
in the range 800 – 960 MHz.
• Specified 26 Volt, 900 MHz Characteristics
Output Power = 150 Watts (PEP)
Minimum Gain = 8.0 dB @ 900 MHz, Class AB
Minimum Efficiency = 35% @ 900 MHz, 150 Watts (PEP)
Maximum Intermodulation Distortion – 28 dBc @ 150 Watts (PEP)
• Characterized with Series Equivalent Large–Signal Parameters from 800
to 960 MHz
• Silicon Nitride Passivated
• 100% Tested for Load Mismatch Stress at all Phase Angles with 5:1 VSWR
@ 26 Vdc, and Rated Output Power
• Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal
Migration
• Circuit board photomaster available upon request by contacting
RF Tactical Marketing in Phoenix, AZ.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
28
Vdc
Collector–Emitter Voltage
VCES
60
Vdc
Emitter–Base Voltage
VEBO
4.0
Vdc
Collector–Current — Continuous
IC
25
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
230
1.33
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.75
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (IC = 100 mAdc, IB = 0)
V(BR)CEO
28
37
—
Vdc
Collector–Emitter Breakdown Voltage (IC = 50 mAdc, VBE = 0)
V(BR)CES
60
85
—
Vdc
Emitter–Base Breakdown Voltage (IE = 10 mAdc, IC = 0)
V(BR)EBO
4.0
4.9
—
Vdc
Collector Cutoff Current (VCE = 30 Vdc, VBE = 0)
ICES
—
—
10
mAdc
ON CHARACTERISTICS
DC Current Gain (ICE = 1.0 Adc, VCE = 5.0 Vdc)
hFE
30
75
120
—
DYNAMIC CHARACTERISTICS
Output Capacitance (VCB = 26 Vdc, IE = 0, f = 1.0 MHz) (1)
Cob
—
75
—
pF
(1) For information only. This part is collector matched.
(continued)
Order this document
by MRF899/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF899
150 W, 900 MHz
RF POWER
TRANSISTOR
NPN SILICON
CASE 375A–01, STYLE 1
© Motorola, Inc. 1997
REV 7


Similar Part No. - MRF899

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MRF899 NJSEMI-MRF899 Datasheet
108Kb / 2P
NPN Silicon RF Power Transistor
More results

Similar Description - MRF899

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com