Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF899 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF899
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF899 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF899 Datasheet HTML 1Page - Motorola, Inc MRF899 Datasheet HTML 2Page - Motorola, Inc MRF899 Datasheet HTML 3Page - Motorola, Inc MRF899 Datasheet HTML 4Page - Motorola, Inc MRF899 Datasheet HTML 5Page - Motorola, Inc MRF899 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRF899
MOTOROLA RF DEVICE DATA
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
Pin, INPUT POWER (WATTS)
200
175
150
125
100
75
50
25
0
0
5
10
15
20
25
30
f = 800 MHz
960 MHz
VCC = 26 Vdc
Icq = 300 mA
900 MHz
f, FREQUENCY (MHz)
800
820
840
860
880
900
920
940
960
200
175
150
125
100
75
50
25
0
24 W
18 W
12 W
6 W
Pin = 30 W
200
175
150
125
100
75
50
25
0
14
16
18
20
22
24
26
28
30
Figure 4. Output Power versus Supply Voltage
VCC, COLLECTOR VOLTAGE (VOLTS)
Pin = 24 W
16 W
8 W
f = 900 MHz
Icq = 300 mA
–20
–30
–40
–50
–60
–70
0
Figure 5. Intermodulation versus Output Power
Pout, OUTPUT POWER, WATTS (PEP)
25
50
75
100
125
150
175
5th
7th
3rd Order
11
10
9
8
7
6
5
0.1
1
10
100
Figure 6. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS)
900 mA
600 mA
300 mA
Icq = 1200 mA
10
9
8
7
6
5
840
850
860
870
880
890
900
50
45
40
35
30
25
Figure 7. Broadband Test Fixture Performance
f, FREQUENCY (MHz)
VCC = 26 Vdc
Icq = 300 mA
f = 900 MHz
VCC = 26 V
Icq = 300 mA
f1 = 900 MHz
f2 = 900.1 MHz
VCC = 26 Vdc
Icq = 300 mA
GPE
ηC
I/P VSWR
PO = 150 W (PEP)
VCC 26 V
lcq = 300 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com