Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A33 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # B7A-R6A33
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A33 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button B7A-R6A33 Datasheet HTML 12Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 13Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 14Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 15Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 16Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 17Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 18Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 19Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
CS1 Ordering Guide
493
C200H Special I/O Modules
Item
Description
Mountable racks
Standards
Part number
CPU
Rack
C200H
Expansion
I/O Racks
CS1 Ex-
pansion
Racks
SYSMAC
BUS Slave
Racks
Temperature
Control
M d l
Thermocouple input, time-proportioning
PID, or ON/OFF transistor output
Yes
Yes
Yes
Yes
U, C
C200H-TC001
Modules
Thermocouple input, time-proportioning
PID, or ON/OFF voltage output
Yes
Yes
Yes
Yes
U
C200H-TC002
Thermocouple input, PID current
output
Yes
Yes
Yes
Yes
C200H-TC003
RTD input, time-proportioning PID,
or ON/OFF transistor output
Yes
Yes
Yes
Yes
C200H-TC101
RTD input, time-proportioning PID,
or ON/OFF voltage output
Yes
Yes
Yes
Yes
C200H-TC102
RTD input, PID current output
Yes
Yes
Yes
Yes
C200H-TC103
Data Setting
Console
Used with Temperature Control
Modules. Monitoring, setting, and
changing present values, set points,
alarm values, PID parameters, bank
numbers, etc.
U
C200H-DSC01
Connecting Cable, 2 m
C200H-CN225
Connecting Cable, 4 m
C200H-CN425
Heat/Cool
Temperature
C
t l
Thermocouple input, time-proportioning
PID, or ON/OFF transistor output
Yes
Yes
Yes
Yes
U
C200H-TV001
Control
Modules
Thermocouple input, time-proportioning
PID, or ON/OFF voltage output
Yes
Yes
Yes
Yes
C200H-TV002
Thermocouple input, PID current
output
Yes
Yes
Yes
Yes
C200H-TV003
RTD input, time-proportioning PID, or
ON/OFF transistor output
Yes
Yes
Yes
Yes
C200H-TV101
RTD input, time-proportioning PID, or
ON/OFF voltage output
Yes
Yes
Yes
Yes
C200H-TV102
RTD input, PID current output
Yes
Yes
Yes
Yes
C200H-TV103
Temperature
Sensor
Thermocouple input, K(CA) or J(IC),
selectable
Yes
Yes
Yes
Yes
U, C
C200H-TS001
Sensor
Modules
selectable
Yes
Yes
Yes
Yes
C200H-TS002
RTD input, Pt 100
Ω, conforms to JIS
standards
Yes
Yes
Yes
Yes
C200H-TS101
RTD input, Pt 100
Yes
Yes
Yes
Yes
C200H-TS102
Voice Module Voice/Audio input and output for
system notification
Yes
Yes
Yes
Yes
U,C
C200H-OV001
Special Note: For current consumption, refer to
Current Consumption Tables (the last 6 pages of this ordering guide).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com