Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A33 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # B7A-R6A33
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A33 Datasheet(HTML) 4 Page - Omron Electronics LLC

  B7A-R6A33 Datasheet HTML 1Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 2Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 3Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 4Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 5Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 6Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 7Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 8Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
CS1 Ordering Guide
47;
Expansion Racks
Item
Description
Standards
Part number
CS1 Expansion
I/O Racks
3slots
U, C, N, CE
CS1W-BI033
I/O Racks
5slots
,
,
,
CS1W-BI053
8slots
CS1W-BI083
10 slots
CS1W-BI103
C200HW Expansion
I/O Racks
3slots
U, C, N, L, CE
C200HW-BI031
I/O Racks
5slots
C200HW-BI051
8slots
C200HW-BI081
10 slots
C200HW-BI101
Power Supplies
100 to 120 VAC or 200 to 240 VAC, Output capacity: 4.6 A, 5 VDC
U, C, N, L, CE
C200HW-PA204
100 to 120 VAC or 200 to 240 VAC (with service supply: 0.8 A, 24 VDC), Out-
put capacity: 4.6 A, 5 VDC
,
,
, ,
C200HW-PA204S
100 to 120 VAC or 200 to 240 VAC (with RUN output)
Output capacity: 4.6 A, 5 VDC
U, C
C200HW-PA204R
24 VDC, 19.2 to 23.8 VDC
Output capacity:4.6A, 5 VDC
U, C, N, L,
CE
C200HW-PD024
100 to 120 VAC or 200 to 240 VAC (with RUN output)
Output capacity: 9 A, 5 VDC
CE, L
C200HW-PA209R
CS1toCS1
E
i
I/O R
k
Connects CS1 Expansion I/O Racks to CPU (CS1) Racks or
th
CS1 E
i
I/O R
k
Length: 0.3 m
CS1W-CN313
Expansion I/O Rack
Connecting Cables
(
)
other CS1 Expansion I/O Racks.
Length: 0.7 m
CS1W-CN713
Connecting Cables
Length: 2 m
CS1W-CN223
Length: 3 m
CS1W-CN323
Length: 5 m
CS1W-CN523
Length: 10 m
CS1W-CN133
Length: 12 m
CS1W-CN133-B2
CS1 to C200HW
E
i
I/O R
k
Connects C200HW Expansion I/O Racks to CPU (CS1)
R
k
CS1 E
i
I/O R
k
Length: 0.3 m
CS1W-CN311
Expansion I/O Rack
Connecting Cables
(
)
Racks or CS1 Expansion I/O Racks.
Length: 0.7 m
CS1W-CN711
Connecting Cables
Length: 2 m
CS1W-CN221
Length: 3 m
CS1W-CN321
Length: 5 m
CS1W-CN521
Length: 10 m
CS1W-CN131
Length: 12 m
CS1W-CN131-B2
C200HW to C200HW
E
i
I/O R
k
Connects C200HW Expansion I/O Racks to other C200HW
E
i
I/O R
k
Length: 0.3 m
N, L, CE, U
C200H-CN311
Expansion I/O Rack
Connecting Cables
Expansion I/O Racks.
Length: 0.7 m
, ,
,
C200H-CN711
Connecting Cables
Length: 2 m
C200H-CN221
Length: 5 m
L, CE
C200H-CN521
Length: 10 m
,
C200H-CN131
Special Note: For current consumption, refer to
Current Consumption Tables (the last 6 pages of this ordering guide).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com