Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A33 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # B7A-R6A33
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A33 Datasheet(HTML) 3 Page - Omron Electronics LLC

  B7A-R6A33 Datasheet HTML 1Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 2Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 3Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 4Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 5Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 6Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 7Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 8Page - Omron Electronics LLC B7A-R6A33 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
CS1 Ordering Guide
47:
CPU Rack
Item
Description
Standards
Part number
CPUs
I/O
bits
Program
capacity
Data memory capacity
960
10K steps
32K words (DM: 32K words, EM: None)
U, C, N, CE, L
CS1G-CPU42-E(V
P
P
P
P)
960
20K steps
32K words (DM: 32K words, EM: None)
,
,
,
,
CS1G-CPU43-E(V
P
P
P
P)
1280
30K steps
64K words (DM: 32K words, EM: 32K words
'1 bank)
CS1G-CPU44-E(V
P
P
P
P)
5120
60K steps
128K words (DM: 32K words, EM: 32K words
'3 banks)
CS1G-CPU45-E(V
P
P
P
P)
5120
20K steps
32K words (DM: 32K words, EM: None)
CS1H-CPU63-E(V
P
P
P
P)
5120
30K steps
64K words (DM: 32K words, EM: 32K words
'1 bank)
CS1H-CPU64-E(V
P
P
P
P)
5120
60K steps
128K words (DM: 32K words, EM: 32K words
'3 banks)
CS1H-CPU65-E(V
P
P
P
P)
5120
120K
steps
256K words (DM: 32K words, EM: 32K words
'7 banks)
CS1H-CPU66-E(V
P
P
P
P)
5120
250K
steps
448K words (DM: 32K words, EM: 32K words
'13
banks)
CS1H-CPU67-E(V
P
P
P
P)
CPU Racks
2 slots (does not connect to Expansion Rack)
U, C, N, CE, L
CS1W-BC023
3slots
,
,
,
,
CS1W-BC033
5slots
CS1W-BC053
8slots
CS1W-BC083
10 slots
CS1W-BC103
Power Supplies
100 to 120 VAC or 200 to 240 VAC; output capacity: 4.6 A, 5 VDC
U, C, N, L, CE
C200HW-PA204
100 to 120 VAC or 200 to 240 VAC (with 0.8 A, 24 VDC service power supply)
Output capacity: 4.6 A, 5 VDC
,
,
, ,
C200HW-PA204S
100 to 120 VAC or 200 to 240 VAC (with RUN output)
Output capacity: 4.6 A, 5 VDC
U, C
C200HW-PA204R
100 to 120 VAC or 200 to 240 VAC (with RUN output)
Output capacity: 9 A, 5 VDC
CE, L
C200HW-PA209R
24 VDC, Output capacity: 4.6 A, 5 VDC
U, C, N, L, CE
C200HW-PD024
Memory Cards
Flash memory, 8 MB
CE, L
HMC-EF861
y
Flash memory, 15 MB
,
HMC-EF171
Flash memory, 30 MB
HMC-EF371
Memory Card adapter
HMC-AP001
Serial Communica-
ti
B
d
2
' RS-232C ports (protocol macro function supported)
U, C, N, CE, L
CS1W-SCB21
tions Boards
1
' RS-232C port + 1 ' RS-422/485 port
(protocol macro function supported)
,
,
,
,
CS1W-SCB41
Programming
Consoles
Requires an English Keyboard Sheet (CS1W-KS001-E).
(connects to the peripheral port on CPU Module only)
U, C, N, CE,
CQM1-PRO01-E
(
y)
C200H-PRO27-E
Programming Con-
sole Connecting
Cables
Connects the CQM1-PRO01-E Programming Console. (0.05 m length)
(adapter cable used with cable included with COM-PRO01-E)
CE
CS1W-CN114
Cables
Connects the C200H-PRO27-E Programming Console. (2.0 m length)
CS1W-CN224
Connects the C200H-PRO27-E Programming Console. (6.0 m length)
CS1W-CN624
CX-Programmer
Software
Windows-based Programming Software for Windows 95, 98, NT4.0
(connects to peripheral port on CPU Module or RS-232C port
on CPU Module or Serial Communications Module/Board.)
WS02-CXPC1-EV
=
=
=
=.=
=
=
=
CX-Protocol
Windows-based Protocol Development Software for Windows 95, 98, NT4.0
WS02-PSTC1-E
Peripheral
Device
C
ti
C bl
Connects Standard IBM PC/AT compatible computers
D-Sub 9-pin receptacle (Length: 0.1 m)
CE
CS1W-CN118
(See Note.)
e ce
Connecting Cables
(for peripheral
port)
Connects Standard IBM PC/AT compatible computers
D-Sub 9-pin (2.0 m length)
CS1W-CN226
port)
Connects Standard IBM PC/AT compatible computers
D-Sub 9-pin (6.0 m length)
CS1W-CN626
Peripheral Device
Connecting Cables
Serial Connecting Cable Connects Standard IBM PC/AT compatible comput-
ers D-Sub 9-pin (2 0 m length)
C200HS-CN220-EU
Connecting Cables
(for RS-232C port)
ers D-Sub 9-pin (2.0 m length)
Battery Set
For CS1 Series only; provides backup to CPU memory
CE, L
CS1W-BAT01
Note:
This is an adapter cable that is to be used with Omron Cable No. C200HS-CN220EU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com