Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8105 Datasheet(PDF) 21 Page - Power-One

Part # DP8105
Description  8V to 14V Input , 0.7V to 5.5V Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DP8105 Datasheet(HTML) 21 Page - Power-One

Back Button DP8105 Datasheet HTML 17Page - Power-One DP8105 Datasheet HTML 18Page - Power-One DP8105 Datasheet HTML 19Page - Power-One DP8105 Datasheet HTML 20Page - Power-One DP8105 Datasheet HTML 21Page - Power-One DP8105 Datasheet HTML 22Page - Power-One DP8105 Datasheet HTML 23Page - Power-One DP8105 Datasheet HTML 24Page - Power-One DP8105 Datasheet HTML 25Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DP8105 5A DC-DC Intelligent dPOL Data Sheet
8V to 14V Input •••• 0.7V to 5.5V Output
BCD.00261 Rev. 1.0, 12 Feb 2013
www.power-one.com
Page 21 of 35
1.1.1.2
Grouping of dPOLs
dPWER
® dPOLs can be arranged in groups of up to
4, 8, 16 or 32 dPOLs (depending upon the DPM
model used). Membership in a group is set in the
GUI in the DPM / Configure / Devices dialog, and
implemented in hardware by connecting the OK pins
of each dPOL in the group to the matching OK input
on the DPM.
In order for a particular Fault or Error to propagate
through the OK line, Propagation needs to be
checked in the GUI dPOL Configure / Fault
Management Window Figure 34.
Figure 34. DPM Configure Faults Window
Note that the turn-off type of the fault as it
propagates through the DPM will remain unchanged.
Propagation options for dPOLs can be read or set in
the dPOL PC3 register shown in Figure 35.
Figure 35. Protection Configuration Register PC3
7.4.7.1
Front End and Crowbar
If an error is propagated to at least the Group level,
the DPM can also be configured to generate
commands to turn off a front end (a DC-DC
converter generating the intermediate bus voltage)
and to trigger an optional crowbar protection to
accelerate removal of the IBV voltage.
7.4.7.2
Propagation Process
Understanding Fault and Error propagation is easier
with the following examples.
The First example is of of non-propagation from a
dPOL, as shown in Figure 36. An undervoltage error
shuts down the Vo, but since propagation was not
enabled, OK-A is not pulled down and Vo2 stays up.
PC3: Protection Configuration Register 3
Address: 0x02
U
U
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
---
---
TRP
OTP
OCP
UVP
OVP
PVP
Bit 7
Bit 0
Bit 7:6
Unimplemented: Read as ‘0’
Bit 5
TRP: Tracking Protection Propagation
0 = disabled
1 = enabled
Bit 4
OTP: Over Temperature Protection Propagation
0 = disabled
1 = enabled
Bit 3
OCP: Over Current Protection Propagation
0 = disabled
1 = enabled
Bit 2
UVP: Under Voltage Protection Propagation
0 = disabled
1 = enabled
Bit 1
OVP: Over Voltage Protection Propagation
0 = disabled
1 = enabled
Bit 0
PVP: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com