Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8105 Datasheet(PDF) 9 Page - Power-One

Part # DP8105
Description  8V to 14V Input , 0.7V to 5.5V Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DP8105 Datasheet(HTML) 9 Page - Power-One

Back Button DP8105 Datasheet HTML 5Page - Power-One DP8105 Datasheet HTML 6Page - Power-One DP8105 Datasheet HTML 7Page - Power-One DP8105 Datasheet HTML 8Page - Power-One DP8105 Datasheet HTML 9Page - Power-One DP8105 Datasheet HTML 10Page - Power-One DP8105 Datasheet HTML 11Page - Power-One DP8105 Datasheet HTML 12Page - Power-One DP8105 Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DP8105 5A DC-DC Intelligent dPOL Data Sheet
8V to 14V Input •••• 0.7V to 5.5V Output
BCD.00261 Rev. 1.0, 12 Feb 2013
www.power-one.com
Page 9 of 35
6.
Typical Performance Characteristics
6.1
Thermal De-rating Curves
Ambient Temperature [°C]
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
500 LFM (2.5 m/s)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
30 LFM (0.15 m/s)
Figure 1.
Available
output
current
vs.
ambient
air
temperature and airflow rates for converter
DP8105 mounted horizontally with air flowing
from input to output, MOSFET temperature ≤
≤
≤
≤ 120
°°°°C, Vin = 12 V, Vout = 5 V, and Fsw= 500KHz
Ambient Temperature [°C]
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
500 LFM (2.5 m/s)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
30 LFM (0.15 m/s)
Figure 2.
Available
output
current
vs.
ambient
air
temperature and airflow rates for converter
DP8105 mounted horizontally with air flowing
from input to output, MOSFET temperature ≤
≤
≤
≤ 120
°°°°C, Vin = 12 V, Vout = 5 V, and Fsw= 1MHzw
6.2
Efficiency Curves
6.3
Figure 5. Efficiency vs Input Voltage at Iout=5A, Fsw=500KHz
Figure 4. Efficiency vs. Output Voltage, Iout=5A, Fsw=500kHz
Figure 3. Efficiency vs. Load, Vin=12V, Fsw=500KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com