Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8105 Datasheet(PDF) 2 Page - Power-One

Part # DP8105
Description  8V to 14V Input , 0.7V to 5.5V Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DP8105 Datasheet(HTML) 2 Page - Power-One

  DP8105 Datasheet HTML 1Page - Power-One DP8105 Datasheet HTML 2Page - Power-One DP8105 Datasheet HTML 3Page - Power-One DP8105 Datasheet HTML 4Page - Power-One DP8105 Datasheet HTML 5Page - Power-One DP8105 Datasheet HTML 6Page - Power-One DP8105 Datasheet HTML 7Page - Power-One DP8105 Datasheet HTML 8Page - Power-One DP8105 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
DP8105 5A DC-DC Intelligent dPOL Data Sheet
8V to 14V Input •••• 0.7V to 5.5V Output
BCD.00261 Rev. 1.0, 12 Feb 2013
www.power-one.com
Page 2 of 35
Reference Documents:
•
DM7300 Digital Power Manager Data Sheet
•
DM7300 Digital Power Manager Programming Manual
•
Power-One I2C GEN II Graphical User Interface
•
DM00056-KIT USB to I
2C Adapter Kit. User Manual
1.
Ordering Information
DP
81
05
G
–
zz
Product
family:
dPWER
®
Series:
Intelligent
dPOL
Converter
Output
Current:
5A
RoHS compliance:
G
- RoHS compliant for all six
substances
Dash
Packaging Option
1
T100
- 100pcs T&R
Q1
– 1pc sample for evaluation only
Example: DP8105G-T100: A 100-piece tray of RoHS compliant dPOL converters. Each dPOL converter is labeled
DP8105G.
2.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings may cause performance degradation, adversely affect long-
term reliability, and cause permanent damage to the converter.
Parameter
Conditions/Description
Min
Max
Units
Inductor or
Printed Circuit Board (PCB)
Temperature
Input Voltage applied
-40
125
°
C
Input Voltage
250ms Transient
15
VDC
Output Current
(See Output Current De-rating Curves)
-4
5
ADC
3.
Environmental and Mechanical Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Ambient Temperature Range
-40
85
°
C
Storage Temperature (Ts)
-55
125
°
C
Weight
8
grams
MTBF
Calculated Per Telcordia Technologies SR-332
6.24
MHrs
Peak Reflow Temperature
DP8105G
245
260
°
C
Lead Plating
DP8105G
100% Matte Tin
Moisture Sensitivity Level
DP8105G
3
1
Packaging option is used only for ordering and not included in the part number printed on the dPOL converter label.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com