Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS4012 Datasheet(PDF) 3 Page - Microchip Technology

Part # LPS4012
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LPS4012 Datasheet(HTML) 3 Page - Microchip Technology

  LPS4012 Datasheet HTML 1Page - Microchip Technology LPS4012 Datasheet HTML 2Page - Microchip Technology LPS4012 Datasheet HTML 3Page - Microchip Technology LPS4012 Datasheet HTML 4Page - Microchip Technology LPS4012 Datasheet HTML 5Page - Microchip Technology LPS4012 Datasheet HTML 6Page - Microchip Technology LPS4012 Datasheet HTML 7Page - Microchip Technology LPS4012 Datasheet HTML 8Page - Microchip Technology LPS4012 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2011 Microchip Technology Inc.
DS22285A-page 3
MCP16321/2
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VIN.................................................................... -0.3V to 26.4V
SW ...................................................................... -1V to 26.4V
BOOST – GND ........................................... -0.3V to (VIN+6V)
EN,VFB, PG Voltage.............................................. -0.3V to 6V
Continuous Total Power Dissipation .......................................
...................................................See Thermal Characteristics
Storage Temperature ....................................-65°C to +150°C
Operating Junction Temperature...................-40°C to +125°C
ESD Protection On All Pins:
HBM ......................................................................... 3 kV
MM ..........................................................................200V
† Notice:
Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at those or any other conditions
above those indicated in the operational sections of this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Characteristics:
Unless otherwise indicated, TA = +25°C, VIN =12V, VOUT = 3.3V, IOUT = 300 mA,
L= 4.7 µH, COUT =2x22 µF, CIN =2x10µF. Boldface specifications apply over the TJ range of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
VIN Supply Voltage
Input Voltage
VIN
6.0
—
24
V
Quiescent Current
(Switching)
IQ
—5.2
—
mA
IOUT = 0 mA
Quiescent Current
(Non-Switching)
IQ
—
2.3
—
mA
Closed Loop in
Overvoltage
IOUT = 0 mA
Quiescent Current -
Shutdown
IQ
—5
10
µA
EN = 0
VIN Undervoltage Lockout
Undervoltage Lockout Start
UVLOSTRT
5.5
5.75
6.0
VVIN Rising
Undervoltage Lockout
Hysteresis
UVLOHYS
—
0.65
—
V
Non-Switching
Output Characteristics
Maximum Output Current
MCP16321
IOUT
1
——
A
VIN = 6V to 24V
Maximum Output Current
MCP16322
IOUT
2
——
A
VIN = 6V to 24V
Output Voltage Adjust Range
VOUT
0.9
—
5.0
V
Output Voltage Tolerance
in PWM Mode
VOUT-PWM
VOUT -2%
VOUT
VOUT +2%
VIOUT = 1A
Output Voltage Tolerance
in PFM Mode
VOUT-PFM
VOUT -1% VOUT +1% VOUT +3.5%
VIOUT = 0A
Feedback Voltage
VFB
0.886
0.9
0.914
V
Feedback Reference
Tolerance
VFB-TOL
-1.5
—
1.5
%
PFM Mode Feedback
Comparator Threshold
VFB-PFM
—VOUT + 1%
—
V
Feedback Input Bias
Current
IFB
—100
—
nA
Note 1:
Regulator SW pin is forced off for 240 ns every 8 cycles to ensure the BOOST cap is replenished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com