Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS4012 Datasheet(PDF) 2 Page - Microchip Technology

Part # LPS4012
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LPS4012 Datasheet(HTML) 2 Page - Microchip Technology

  LPS4012 Datasheet HTML 1Page - Microchip Technology LPS4012 Datasheet HTML 2Page - Microchip Technology LPS4012 Datasheet HTML 3Page - Microchip Technology LPS4012 Datasheet HTML 4Page - Microchip Technology LPS4012 Datasheet HTML 5Page - Microchip Technology LPS4012 Datasheet HTML 6Page - Microchip Technology LPS4012 Datasheet HTML 7Page - Microchip Technology LPS4012 Datasheet HTML 8Page - Microchip Technology LPS4012 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MCP16321/2
DS22285A-page 2
© 2011 Microchip Technology Inc.
Package Type
Typical Applications
2
MCP16321/2
3x3 QFN*
VIN
SGND
SW
SW
VIN
BOOST
EN
VIN
EP
16
1
15 14 13
3
4
12
11
10
9
567
8
17
* Includes Exposed Thermal Pad (EP); see Table 3-1.
SGND
PGND
SW
VFB
VIN
EN
BOOST
VIN
6.0V to 24V
CBOOST
22 nF
L1
4.7 μH
CIN
2x10 μF
COUT
2x22 μF
VOUT
4.2V @ 1A/2A
10 k
36.5 k
PG
VOUT
10 k
SGND
PGND
SW
VFB
VIN
EN
BOOST
VIN
6.0V to 24V
CBOOST
22 nF
L1
4.7 μH
CIN
2x10 μF
COUT
2x22 μF
VOUT
3.3V @ 1A/2A
PG
VOUT
10 kŸ
Typical Application with Fixed Output Voltage
Typical Application with Adjustable Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com