Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS4012 Datasheet(PDF) 4 Page - Microchip Technology

Part # LPS4012
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LPS4012 Datasheet(HTML) 4 Page - Microchip Technology

  LPS4012 Datasheet HTML 1Page - Microchip Technology LPS4012 Datasheet HTML 2Page - Microchip Technology LPS4012 Datasheet HTML 3Page - Microchip Technology LPS4012 Datasheet HTML 4Page - Microchip Technology LPS4012 Datasheet HTML 5Page - Microchip Technology LPS4012 Datasheet HTML 6Page - Microchip Technology LPS4012 Datasheet HTML 7Page - Microchip Technology LPS4012 Datasheet HTML 8Page - Microchip Technology LPS4012 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP16321/2
DS22285A-page 4
© 2011 Microchip Technology Inc.
PFM Mode Feedback
VFB-PFM
—VOUT + 1%
—
V
EN Input Characteristics
EN Input Logic High
VIH
2.2
——
V
EN Input Logic Low
VIL
——
0.8
V
EN Input Hysteresis
VEN-HYST
—480
—
mV
EN Input Leakage Current
IENLK
—3.5
—
µA
VEN = 5V
—-1.5
—
µA
VEN = 0V
Soft-Start Time
tSS
—4
—
ms
Switching Characteristics
Switching Frequency
fSW
0.9
1
1.1
MHz Open Loop VFB
Low
Maximum Duty Cycle
DCMAX
95
97
99
%
Open Loop VFB
Low
Note 1
Minimum Duty Cycle
—
7
—
%
NMOS Low-Side
Switch On Resistance
Low-Side RDS(ON)
—120
—
m
Ω
NMOS High-Side
Switch On Resistance
High-Side
RDS(ON)
—180
—
m
Ω
NMOS High-Side
Switch Current Limit
IN(MAX)
1.4
1.8
2.4
A
MCP16321
2.4
2.8
3.4
A
MCP16322
PG Output Characteristics
PG Low-level
Output Voltage
PGIL
——
0.01
VIPG = -0.3 mA
PG High-Level Output Leak-
age Current
IPGLK
—0.5
—
µA
VPG = 5V
PG Release Timer
tPG
—10
—
ms
VOUT Undervoltage Threshold
VOUT-UV
91% VOUT 93% VOUT
95% VOUT
VOUT Undervoltage
Hysteresis
VOUT-UV_HYST
—1.5% VOUT
—
VOUT Overvoltage
Threshold
VOUT-OV
—103% VOUT
—
VOUT Overvoltage
Hysteresis
VOUT-OV_HYST
—1% VOUT
—
Thermal Characteristics
Thermal Shutdown
Die Temperature
TSD
—170
—
°C
Die Temperature
Hysteresis
TSDHYS
—10
—
°C
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise indicated, TA = +25°C, VIN =12V, VOUT = 3.3V, IOUT = 300 mA,
L= 4.7 µH, COUT =2x22 µF, CIN =2x10µF. Boldface specifications apply over the TJ range of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Regulator SW pin is forced off for 240 ns every 8 cycles to ensure the BOOST cap is replenished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com