Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA-ARM20-Cortex Datasheet(PDF) 15 Page - Analog Devices

Part # ADA-ARM20-Cortex
Description  JTAG Probes for Signum Emulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA-ARM20-Cortex Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA-ARM20-Cortex Datasheet HTML 11Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 12Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 13Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 14Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 15Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 16Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 17Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 18Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
J T A G
P R OB E S
F OR
S I GN U M
E M ULATO RS
T E CHNI CA L
S P E C IF IC A TION S
13
E M UL A T OR
S I DE
SW I TC H
P R OB E
S I DE
EMU0
EMU1
EMU0
nSYSRST
EMU1
FIGURE 33 The DIP switches SW1-4 on the CTI20 probe in default setting positions.
S W1
S W2
S W3
S W4
Default – EMU01 and EMU1
controlled in standard way
ON
OFF
ON
OFF
Emulator’s EMU0 connected
to CTI20 probes’s nSYSRST
OFF
ON
ON
OFF
Emulator’s EMU1 connected
to CTI20 probe’s nSYSRST
ON
OFF
OFF
ON
EMU0, EMU1 and nSYSRST
disconnected from target
(only weak pull-up resistors used)
OFF
OFF
OFF
OFF
TABLE 5 The allowed settings of the ADA-JET-CTI20 probe.
Note 1
Set the SW1-4 switches only when the emulator and the target are not powered!
Note 2
Do not set SW1-2 and SW3-4 pairs both ON. The setting will short the EMU0, EMU1
and nSYSRTS lines on the target.
Note 3
The nSYSRTS, EMU0 and EMU1 lines are bi-directional and are driven by an open-
collector gate in the emulator. EMU0 and EMU1 have 100K pull-ups to the PD pin on
the probe side, while nSYSRST has 220K pull-up to the PD pin.
Note 4
Certain JTAGjet driver packages may not easily allow configuring EMU0 and EMU1 as
nSYSRST. Therefore it is recommended to leave the DIP switch in its default position.
The software is unable determine the position of this switch automatically. When SW2 or
SW4 are ON, the software needs to be configured accordingly. Sample settings that allow
EMU0 to act as a CPU reset signal (nSYSRST) are shown in Figure 34.
FIGURE 34 Configuring the JTAGjet-eBinder driver to use
the EMU0 signal as the CPU reset signal (EmuDiag for the
JTAGjet-eBinder).
All future releases of the JTAGjet software will allow the user to redefine the EMU0 and EMU1 pins as CPU
reset pins.
SW1
SW2
SW3
SW4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com