Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA-ARM20-Cortex Datasheet(PDF) 17 Page - Analog Devices

Part # ADA-ARM20-Cortex
Description  JTAG Probes for Signum Emulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA-ARM20-Cortex Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA-ARM20-Cortex Datasheet HTML 11Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 12Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 13Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 14Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 15Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 16Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 17Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 18Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
J T A G
P R OB E S
F OR
S I GN U M
E M ULATO RS
T E CHNI CA L
S P E C IF IC A TION S
15
JTAG-ETM Splitter Probe
ADA-ETM-JTAG
A typical target board has both the JTAG signals and the ETM signals connected to the same standard 38-pin
ETM Mictor connector (see on p. 14). Some boards, however, separate the two types of signals, providing two
different connectors for them. These boards require a JTAG-ETM splitter probe, ADA-ETM-JTAG. This
probe is also useful when debugging an ARM or a DSP target board that does not have an ETM connector on
it.
A
ARM20 and TMS320 DSP Connectors
FIGURE 36 The JTAG-ETM splitter probe.
FIGURE 37 The dimensions of the JTAG-ETM splitter board. A = 52.0 mm (2.05 in), B =
25.4 mm (1 in), C = 33.9 mm (1.34 in).
FIGURE 38 The JTAG-ETM splitter board attached to the JTAGjet-Trace emulator. Connected to it are a 20-
pin ARM JTAG cable and an ETM Mictor cable (lower). A receptacle for an additional 14-pin TMS320 DSP
JTAG cable is located at the bottom of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com