Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA-ARM20-Cortex Datasheet(PDF) 19 Page - Analog Devices

Part # ADA-ARM20-Cortex
Description  JTAG Probes for Signum Emulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA-ARM20-Cortex Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA-ARM20-Cortex Datasheet HTML 11Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 12Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 13Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 14Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 15Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 16Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 17Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 18Page - Analog Devices ADA-ARM20-Cortex Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
J T A G
P R OB E S
F OR
S I GN U M
E M ULATO RS
T E CHNI CA L
S P E C IF IC A TION S
17
Active 12-pin MPSD Probe
ADA-JET-MPSD
The Signum MPSD (modular port scan device) probe ADA-JET-MPSD provides a physical interface between
JTAGjet emulators for the TMS320 3x family of DSPs and target boards. The probe has 12 double-row,
polarized, 2.54 mm × 2.54 mm (.100" × .100") receptacles (female connectors). To ensure proper orientation,
the header is keyed. The ADA-JET-MPSD is a 5V Texas Instruments MPSD legacy adapter designed
specifically for the Signum JTAGjet-C3x in-circuit emulator. It allows emulation at a maximum speed of 60
MHz. For the pinout, see Figure 44
.
12
GND
10
GND
8
KEY (no pin)
6
GND
4
GND
2
GND
5
TDO / EMU2
3
EMU0
7
VCC
9
TDI / EMU3
11
TCK / H3
1
EMU1
FIGURE 43 The ADA-JET-MPSD probe for TMS320 3x
DSPs.
FIGURE 44 Pinout of the 12-pin ADA-JET-MPSD adapter for
TMS320 3x DSPs.
A
Key
Pin 2
Pin 1
Cable to Emulator
FIGURE 45 Dimensions of the ADA-JET-MPSD adapter.
Top view. A = 24.8 mm (.98 in.), B = 17 mm (.67 in.).
FIGURE 46 Dimensions of the ADA-JET-MPSD adapter.
Side view. C = 21 mm (.82 in.), D = 11.5 mm (0.45 in.), E = 8.5
mm (0.34 in.).
UG-ADA-JTAG 8.24.12.11.50 200
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com