Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC015D Datasheet(PDF) 13 Page - General Semiconductor

Part # LC015D
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC015D Datasheet(HTML) 13 Page - General Semiconductor

Back Button LC015D Datasheet HTML 9Page - General Semiconductor LC015D Datasheet HTML 10Page - General Semiconductor LC015D Datasheet HTML 11Page - General Semiconductor LC015D Datasheet HTML 12Page - General Semiconductor LC015D Datasheet HTML 13Page - General Semiconductor LC015D Datasheet HTML 14Page - General Semiconductor LC015D Datasheet HTML 15Page - General Semiconductor LC015D Datasheet HTML 16Page - General Semiconductor LC015D Datasheet HTML 17Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Lineage Power
13
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Characteristics Curves (continued)
8-1858(C)
Figure 28. LW010AJ, BK, CL Typical Efficiency vs.
Normalized Output Current at TC = 25 °C
8-1857(C)
Figure 29. Single-Output Typical Output Voltage for
Step Load Change from 50% to 75% of
IO = IO, max
8-1856(C)
Figure 30. Single-Output Typical Output Voltage for
Step Load Change from 50% to 25% of
IO =IO, max
8-1806(C)
Figure 31. Typical Output Voltage Start-Up when
Input Voltage Is Applied; IO = 80% of
IO, max, VI = Nominal Line
8-1807(C).a
Figure 32. Typical Output Voltage Start-Up when
Signal Is applied to Remote On/Off;
IO = 80% of IO, max
0.2
0.3
0.9 1.0
60
75
NORMALIZED OUTPUT CURRENT,
IO1 = IO2 [(IO1 + IO2)/(IO1, max + IO2, max)]
65
70
0
0.1
85
80
0.4
0.5
0.6
0.7
0.8
VI = 48 V
VI = 75 V
VI = 36 V
TIME, t (100 µs/div)
1.0
0.99
0.75
0.50
1.01
TIME, t (100 µs/div)
0.99
1.0
1.01
0.50
0.25
TIME, t (2 ms/div)
1.0
0
1.0
0
TIME, t (1 ms/div)
1.0
0.0
4.0
2.0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com