Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC015D Datasheet(PDF) 21 Page - General Semiconductor

Part # LC015D
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC015D Datasheet(HTML) 21 Page - General Semiconductor

Back Button LC015D Datasheet HTML 16Page - General Semiconductor LC015D Datasheet HTML 17Page - General Semiconductor LC015D Datasheet HTML 18Page - General Semiconductor LC015D Datasheet HTML 19Page - General Semiconductor LC015D Datasheet HTML 20Page - General Semiconductor LC015D Datasheet HTML 21Page - General Semiconductor LC015D Datasheet HTML 22Page - General Semiconductor LC015D Datasheet HTML 23Page - General Semiconductor LC015D Datasheet HTML 24Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Lineage Power
21
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Thermal Considerations (continued)
8-1380(C)
Figure 58. LW010A, B, C Typical Power Dissipation
vs. Normalized Output Current at
TC = 25 °C
8-1816(C)
Figure 59. LW010F Typical Power Dissipation vs.
Output Current at TC = 25 °C
8-1817(C)
Figure 60. LW010AJ, BK, CL Typical Power
Dissipation vs. Normalized Output
Current at TC = 25 °C
Module Derating
The derating curves in Figures 43 through 45 were
determined by measurements obtained in an experi-
mental apparatus shown in Figure 61. Note that the
module and the printed-wiring board (PWB) that it is
mounted on are both vertically oriented. The passage
has a rectangular cross section.
8-1126(C).d
Note: Dimensions are in millimeters and (inches).
Figure 61. Experimental Test Setup
Layout Considerations
Copper paths must not be routed beneath the power
module standoffs.
0.1
0.2
0.3
0.4
0.5
0.6
0.0
2.5
NORMALIZED OUTPUT CURRENT (IO/IO, max)
1.5
1.0
0.5
2.0
VI = 75 V
3.5
0.7
0.8
0.9
1.0
0.0
VI = 48 V
VI = 36 V
3.0
VI = 60 V
1.0
0.0
2.0
3.0
3.5
0.5
1.5
2.5
0.5
1.0
1.5
2.0
2.5
0.0
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 48 V
VI = 60 V
VI = 75 V
0.2
0.4
0.6
0.8
1.0
0.0
2.5
1.5
1.0
2.0
0.0
3.0
0.5
NORMALIZED OUTPUT CURRENT,
IO1 = IO2 [(IO1 + IO2)/(IO1, max + IO2, max)]
VI = 36 V
VI = 48 V
VI = 60 V
VI = 75 V
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED
BELOW THE
MODULE
AIRFLOW
13 (0.5)
FACING PWB
MODULE
76 (3.0)
PWB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com