Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM467 Datasheet(PDF) 5 Page - Analog Devices

Part # AM467
Description  Precision amplifier for bridge circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM467 Datasheet(HTML) 5 Page - Analog Devices

  AM467 Datasheet HTML 1Page - Analog Devices AM467 Datasheet HTML 2Page - Analog Devices AM467 Datasheet HTML 3Page - Analog Devices AM467 Datasheet HTML 4Page - Analog Devices AM467 Datasheet HTML 5Page - Analog Devices AM467 Datasheet HTML 6Page - Analog Devices AM467 Datasheet HTML 7Page - Analog Devices AM467 Datasheet HTML 8Page - Analog Devices AM467 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Precision amplifier for bridge circuits
AM467
analog microelectronics
February 2011
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
5/9
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 1.1
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
EXTERNAL COMPONENTS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Capacitor
C1
1
5
nF
Compensation Capacitor
C2
80
100
120
pF
Stabilization Capacitor (optional)
C3
100
nF
EMV Protection Capacitor (optional)
C4
470
pF
Load Resistor to GND, to VCC
RL
Vout = max. Vout
20
k
Ω
Table 2: External components of the calibration network (see figure 2)
Recommended: ceramic capacitors
DESCRIPTION OF FUNCTIONS
AM467 is an integrated precision circuit for the signal amplification of high- and medium
impedance signal sources and for the signal conditioning of sensor (resistor) bridges with low
sensitivity, particularly for ceramic and DMS sensing elements or GMR measuring cells.
The IC is able to generates a rail-to-rail output signal of 0.2 V to Vcc-0.2 V. The output signal is
adjustable in offset and span. The amplification and offset can be set independently of one another
using external resistors. Through the suitable dimensioning of external resistors in particular an
output voltage of 0.5...4.5 V can also be provided. As these values are standard the following
description refers to this output voltage.
AM467 works on the principle of ratiometry with a supply voltage of 5 V ±5%. The IC is
distinguished by its low offset and extremely low thermal offset drift across a wide temperature
range, enabling it to be classified as a precision amplifier.
The sink and source output stage is protected internally against short-circuiting.
The AM467 design incorporates protective measures against interference from EMV and ESD
using suitable semiconductor structures.
AM467 can be used as an autonomous signal conditioning IC or as a preamplifier for an A/D
converter for digital signal conditioning. For higher output voltages e.g. 10Volt or 2(3)-wire current
output, this IC can be combined with the analog interface circuits of Analog Microelectronics (e.g.
AM461 and AM460)
EXAMPLE APPLICATION
AM457 is suitable for the amplification of resistance networks connected up as a Wheatstone
bridge with four resistors and which have a low sensitivity, such as 1.0 to 3.5 mV/V with a 5 V
supply, for example. By way of example a sensor application is described herein which is



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com