Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM467 Datasheet(PDF) 8 Page - Analog Devices

Part # AM467
Description  Precision amplifier for bridge circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM467 Datasheet(HTML) 8 Page - Analog Devices

  AM467 Datasheet HTML 1Page - Analog Devices AM467 Datasheet HTML 2Page - Analog Devices AM467 Datasheet HTML 3Page - Analog Devices AM467 Datasheet HTML 4Page - Analog Devices AM467 Datasheet HTML 5Page - Analog Devices AM467 Datasheet HTML 6Page - Analog Devices AM467 Datasheet HTML 7Page - Analog Devices AM467 Datasheet HTML 8Page - Analog Devices AM467 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Precision amplifier for bridge circuits
AM467
analog microelectronics
February 2011
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
8/9
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 1.1
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Offset: 0 to ± 0.3 mV/V
Supply voltage: 5 V ± 10%
The following values are obtained for the above sensing element categories:
Fixed resistor R2 = 33 k; accuracy of 1%
Fixed resistor R4 = 12 k; accuracy of 1%
Measuring resistor R1 = 11 k; accuracy of 0.1%
Measuring resistor R3 = 120 k; accuracy of 0.1%
C1 = 1 nF to 5 nF (ceramic)
C2 = 100 pF (ceramic)
C3 = 100 nF (optional)
C4 = 470 pF optional (ceramic)
NOTES
For bridge circuits with characteristics other than the above (with other sensing element categories,
such as DMS sensing elements, for example) Analog Microelectronics can adapt the dimensioning
program on request. The proposed calibration is in principle usable for bridge configuration of >
0,5 kOhm.
An Excel program (Kali1_AM467_rev1.xls) is proposed for calibration (the calculation of the
definitive operating point). This is available on the www.analogmicro.de website.
A DLL (Dynamic Link Library) can be delivered on request. With help of this program the calibra-
tion Kali1_AM467 can be automated. The DLL allows a simple implementation of the calculation
procedure in a standardized program environment e.g. C
++, Labview, Visual Basis.
DIAGRAM and PINOUT
Figure 3: Diagram of AM467
1
8
2
7
3
6
4
5
OUT
IN-
IN+
GND
VCC
N.C.
N.C.
N.C.
Figure 4: AM467 Pinout
AM467
AMP
+
-
GND
4
1 OUT
8
VCC
IN+ 3
IN-
2
Output stage
with short
circuit proofing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com