Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM467 Datasheet(PDF) 7 Page - Analog Devices

Part # AM467
Description  Precision amplifier for bridge circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM467 Datasheet(HTML) 7 Page - Analog Devices

  AM467 Datasheet HTML 1Page - Analog Devices AM467 Datasheet HTML 2Page - Analog Devices AM467 Datasheet HTML 3Page - Analog Devices AM467 Datasheet HTML 4Page - Analog Devices AM467 Datasheet HTML 5Page - Analog Devices AM467 Datasheet HTML 6Page - Analog Devices AM467 Datasheet HTML 7Page - Analog Devices AM467 Datasheet HTML 8Page - Analog Devices AM467 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Precision amplifier for bridge circuits
AM467
analog microelectronics
February 2011
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
7/9
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 1.1
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Once these resistors have been mounted the calibration procedure is complete. Depending on the
accuracy of the resistors used an offset value of 0.5 V and a full scale signal of 4.5 V should have
been obtained.
Should the expected final accuracy require it, in an additional second stage (Stage 2) the offset of
the output voltage can be corrected using resistor R1. To this end the AM467 output must again be
measured at P = 0 bar. If at 0 bar the output is too high or too low by a few millivolts, for example,
the Excel program then calculates the necessary second correction of R1 in ohms.
The offset error which is then obtained if a different resistance is used in place of calculated
resistance R1 can also be determined by the Excel sheet. The sensitivity in mV/ohm is instrumental
here, providing information as to by how many millivolts the offset shifts when the used resistor R1
has a delta R (in ohms) to the calculated value. The given sensitivity value (mV/ohm) is multiplied
by the delta R of resistor R1 to obtain a change in offset which affects both the offset (0.5 V) and the
full scale signal (4.5 V).
Figure 2: Ceramic sensing element with AM467 and a calibration network
with external resistors.
DIMENSIONING
In the combination of ceramic sensing element and AM467 the operating point (the initial value of
the four resistors R1 to R4) was determined for all sensing elements in a specific sensing element
category. In the case of piezoceramic sensors the term "sensing element category" is used to denote
sensing elements with the following characteristics:
Bridge resistance: 11 kOhm ± 20%
Sensitivity: 2.4 ± 1 mV/V
IN+
IN-
AM467
3
2
AMP
VCC
8
OUT
1
GND
4
Vout
GND
C3
C2
R2
R1
R4
R3
Output stage
with short
circuit proofing
C4
C1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com